Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CASR Datasheet(PDF) 15 Page - LEM

Part # CASR
Description  Current Transducer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CASR Datasheet(HTML) 15 Page - LEM

Back Button CASR Datasheet HTML 10Page - LEM CASR Datasheet HTML 11Page - LEM CASR Datasheet HTML 12Page - LEM CASR Datasheet HTML 13Page - LEM CASR Datasheet HTML 14Page - LEM CASR Datasheet HTML 15Page - LEM CASR Datasheet HTML 16Page - LEM CASR Datasheet HTML 17Page - LEM CASR Datasheet HTML 18Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
Page 15/18
8March2012/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
CASR series
External reference voltage
If the Ref pin of the transducer is not used it could be either left unconnected or filtered according to the previous paragraph
“Reference
V
REF”.
The Ref pin has two modes Ref IN and Ref OUT:
● In the Ref OUT mode the 2.5 V internal precision reference is used by the transducer as the reference point for bipolar
measurements; this internal reference is connected to the Ref pin of the transducer through a 680 Ohms resistor. it tolerates
sink or source currents up to ± 5 mA, but the 680 Ohms resistor prevents this current to exceed these limits.
● In the Ref IN mode, an external reference voltage is connected to the Ref pin; this voltage is specified in the range 0 to 4 V
and is directly used by the transducer as the reference point for measurements.
The external reference voltage Vref must be able:
- either to source a typical current of
680
5
.
2
−
Vref
, the maximum value will be 2.2 mA typ. when Vref = 4 V.
- or to sink a typical current of
680
5
.
2
Vref
−
, the maximum value will be 3.68 mA typ. when Vref = 0 V.
The following graphs show how the measuring range of each transducer version depends on the external reference voltage
value Vref.
Upper limit : I
P = -9.6 * Vref + 44.4 (Vref = 0 .. 4 V)
Upper limit : I
P = -24 * Vref + 111 (Vref = 1.29 .. 4 V)
Upper limit : I
P = 80
(Vref = 0 .. 1.29 V)
Lower limit : I
P = -9.6 * Vref + 3.6
(Vref = 0 .. 4 V)
Lower limit : I
P = -24 * Vref + 9
(Vref = 0 .. 3.7 V)
Lower limit : I
P = -80
(Vref = 3.7 .. 4 V)
Application information (continued)
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
1
2
3
4
VREF (V)
CASR 6
-100
-80
-60
-40
-20
0
20
40
60
80
100
0
1
2
3
4
VREF (V)
CASR 15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com