Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CASR6-NP Datasheet(PDF) 13 Page - LEM

Part # CASR6-NP
Description  Current Transducer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CASR6-NP Datasheet(HTML) 13 Page - LEM

Back Button CASR6-NP Datasheet HTML 9Page - LEM CASR6-NP Datasheet HTML 10Page - LEM CASR6-NP Datasheet HTML 11Page - LEM CASR6-NP Datasheet HTML 12Page - LEM CASR6-NP Datasheet HTML 13Page - LEM CASR6-NP Datasheet HTML 14Page - LEM CASR6-NP Datasheet HTML 15Page - LEM CASR6-NP Datasheet HTML 16Page - LEM CASR6-NP Datasheet HTML 17Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Page 13/18
8March2012/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
CASR series
Overall accuracy
The overall accuracy at 25°C
X
G is the error in the - IPN .. + IPN
range, relative to the rated value
I
PN.
It includes:
● the electrical offset
V
OE
● the sensitivity error
ε
G
● the linearity error
ε
L (to IPN)
The magnetic offset is part of the overall accuracy. It is taken
into account in the linearity error figure provided the
transducer has not been magnetized by a current higher than
I
PN.
Response and reaction times
The response time t
r and the reaction time tra are shown in
figure 31.
Both depend on the primary current di/dt. They are measured
at nominal ampere-turns.
Figure 32: Response time t
r and reaction time tra
Electrical offset
The electrical offset voltage
V
OE can either be measured when
the ferro-magnetic parts of the transducer are:
● completely demagnetized, which is difficult to realize,
● or in a known magnetization state, like in the current cycle
shown in figure 30.
Using the current cycle shown in figure 30, the electrical offset
is:
The temperature variation
V
OT of the electrical offset voltage
V
OE is the variation of the electrical offset from 25°C to the
considered temperature:
Note: the transducer has to be demagnetized prior to the
application of the current cycle (for example with a
demagnetization tunnel).
Figure 31: Test connection
Performance parameters definition (continued)
2
)
(
)
(
2
1
t
V
t
V
V
OUT
OUT
OE
+
=
)
25
(
)
(
)
(
C
V
T
V
T
V
OE
OE
OT
°
=
tra
VOUT
tr
90 %
10 %
t
100 %
Ip
I
1 2 3
10 9 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com