Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CASR6-NP Datasheet(PDF) 16 Page - LEM

Part # CASR6-NP
Description  Current Transducer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CASR6-NP Datasheet(HTML) 16 Page - LEM

Back Button CASR6-NP Datasheet HTML 10Page - LEM CASR6-NP Datasheet HTML 11Page - LEM CASR6-NP Datasheet HTML 12Page - LEM CASR6-NP Datasheet HTML 13Page - LEM CASR6-NP Datasheet HTML 14Page - LEM CASR6-NP Datasheet HTML 15Page - LEM CASR6-NP Datasheet HTML 16Page - LEM CASR6-NP Datasheet HTML 17Page - LEM CASR6-NP Datasheet HTML 18Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Page 16/18
8March2012/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
CASR series
External reference voltage (continued)
Upper limit :
I
P = -40 * Vref + 185
(Vref = 2.5 .. 4 V)
Upper limit :
I
P = -80 * Vref + 370 (Vref = 2.75 .. 4 V)
Upper limit :
I
P = 85
(Vref = 0 .. 2.5 V)
Upper limit :
I
P = 150
(Vref = 0 .. 2.75 V)
Lower limit :
I
P = -40 * Vref + 15
(Vref = 0 .. 2.5 V)
Lower limit :
I
P = -80 * Vref + 30
(Vref = 0 .. 2.25 V)
Lower limit :
I
P = -85
(Vref = 2.5 .. 4 V)
Lower limit :
I
P = -150
(Vref = 2.25 .. 4 V)
Example with V
REF = 1.65 V:
● The 6 A version has a measuring range from - 12.24 A to + 28.5 A
● The 15 A version has a measuring range from - 30.6 A to + 71.4 A
● The 25 A version has a measuring range from - 51 A to + 85 A
● The 50 A version has a measuring range from - 102 A to + 150 A
Example with V
REF = 0 V:
● The 6 A version has a measuring range from + 3.6 A to + 44.4 A
● The 15 A version has a measuring range from + 9 A to + 80 A
● The 25 A version has a measuring range from + 15 A to + 85 A
● The 50 A version has a measuring range from + 30 A to + 150 A
-100
-80
-60
-40
-20
0
20
40
60
80
100
0
1
2
3
4
VREF (V)
CASR 25
-200
-150
-100
-50
0
50
100
150
200
0
1
2
3
4
VREF (V)
CASR 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com