Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLSR-SM Datasheet(PDF) 3 Page - LEM

Part # HLSR-SM
Description  Current Transducer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HLSR-SM Datasheet(HTML) 3 Page - LEM

  HLSR-SM Datasheet HTML 1Page - LEM HLSR-SM Datasheet HTML 2Page - LEM HLSR-SM Datasheet HTML 3Page - LEM HLSR-SM Datasheet HTML 4Page - LEM HLSR-SM Datasheet HTML 5Page - LEM HLSR-SM Datasheet HTML 6Page - LEM HLSR-SM Datasheet HTML 7Page - LEM HLSR-SM Datasheet HTML 8Page - LEM HLSR-SM Datasheet HTML 9Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Page 3/13
16December2013/Version 5 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HLSR-SM series
Insulation coordination
Parameter
Symbol
Unit
Value
Comment
Rms voltage for AC insulation test 50/60Hz/1 min
U
d
kV
4.3
Impulse withstand voltage 1.2/50 µs
Û
W
kV
8
Clearance (pri. - sec.)
d
CI
mm
>8
Shortest distance through
air
Creepage distance (pri. - sec.)
d
Cp
mm
>8
Shortest path along device
body
Clearance (pri. - sec.)
-
mm
8
When mounted on PCB
with recommended layout
Case material
-
-
V0 according
to UL 94
Comparative tracking index
CTI
V
600 V
Application example
-
-
600 V CAT III
PD2
Reinforced insulation, non
uniform field according to
EN 50178
Application example
-
-
1000 V
CAT III PD2
Simple insulation, non
uniform field according to
EN 50178, EN 61010
Application example
-
-
600 V CAT III
PD2
According to UL 508
Environmental and mechanical characteristics
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Ambient operating temperature
T
A
°C
-40
105
Ambient storage temperature
T
S
°C
-40
105
Mass
m
g
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com