Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HLSR-SM Datasheet(PDF) 7 Page - LEM

Part # HLSR-SM
Description  Current Transducer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HLSR-SM Datasheet(HTML) 7 Page - LEM

Back Button HLSR-SM Datasheet HTML 3Page - LEM HLSR-SM Datasheet HTML 4Page - LEM HLSR-SM Datasheet HTML 5Page - LEM HLSR-SM Datasheet HTML 6Page - LEM HLSR-SM Datasheet HTML 7Page - LEM HLSR-SM Datasheet HTML 8Page - LEM HLSR-SM Datasheet HTML 9Page - LEM HLSR-SM Datasheet HTML 10Page - LEM HLSR-SM Datasheet HTML 11Page - LEM Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Page 7/13
16December2013/Version 5 LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HLSR-SM series
Electrical data HLSR 32-SM
At T
A = 25 °C, UC = + 5 V, NP = 1 turn, RL = 10 KΩ unless otherwise noted (see Min, Max, typ. definition paragraph in page 9).
Parameter
Symbol
Unit
Min
Typ
Max
Comment
Primary nominal rms current
I
PN
A
32
Primary current, measuring range
I
PM
A
-80
80
For U
C < 4.75 V, IPM = 2.5
x I
PN
- 8 x (4.75-U
C)
Number of primary turns
N
P
-
1
Resistance of primary jumper @ T
A = 25 °C
R
P
mΩ
0.21
Resistance of primary jumper @ T
A = 105 °C
R
P
mΩ
0.29
T jumper = 120 °C
Supply voltage 1)
U
C
V
4.5
5
5.5
Current consumption
I
C
mA
19
25
Reference voltage (output)
V
ref
V
2.48
2.5
2.52
Internal reference
Reference voltage (input)
V
ref
V
0.5
2.65
External reference
Output voltage range @ I
PM
V
out - Vref
V
-2
2
Over operating temperature
range
V
ref output resistance
R
ref
130
200
300
series
V
out output resistance
R
out
2
5
series
Electrical offset voltage @ I
P = 0
V
OE
mV
-5
5
V
out - Vref @ Vref = 2.5 V
Capacitive loading
C
L
nF
0
6
Electrical offset current referred to primary
I
OE
mA
-200
200
Temperature coefficient of V
ref
TCV
ref
ppm/K
-170
170
-40 °C .. 105 °C
Temperature coefficient of V
out - Vref @ IP = 0
TCV
OE
mV/K
-0.075
0.075
-40 °C .. 105 °C
Temperature coefficient of I
OE
TCI
OE
mA/K
-3
3
-40 °C .. 105 °C
Theoretical sensitivity
G
th
mV/A
25
800 mV @ I
PN
Sensitivity error
ε
G
% of I
PN
-0.5
0.5
Factory adjustment
Temperature coefficient of G
TCG
ppm/K
-200
200
-40 °C .. 105 °C
Linearity error 0 .. I
PN
ε
L
% of I
PN
-0.5
0.5
Linearity error 0 .. I
PM
ε
L
% of I
PM
-0.5
0.5
Magnetic offset current
(@ 10 x I
PN) referred to primary
I
OM
A
-0.25
0.25
Reaction time @ 10 % of I
PN
t
ra
µs
2
@ 50A/ µs
Response time @ 90 % of I
PN
t
r
µs
2.5
@ 50A/ µs
Frequency bandwidth (- 3 dB)
BW
kHz
400
Output rms voltage noise spectral density
100 Hz .. 100 kHz
e
no
µV/√Hz
8.75
Output voltage noise
DC .. 10 kHz
DC .. 100 kHz
DC .. 1 MHz
V
no
mVpp
6.2
14
20.7
Accuracy @ I
PN
X
% of I
PN
-1
1
Accuracy @ I
PN @ TA = + 85 °C
X
85 °C
% of I
PN
-2.9
2.9
See formula note 2)
Accuracy @ I
PN @ TA = + 105 °C
X
105 °C
% of I
PN
-3.4
3.4
See formula note 2)
Notes: 1) 3.3 V SP version available
2)
X
TA
·
· (T
A - 25)
=
X + (
+
TCG
10000
TCI
OE
1000·I
P
100 · (T
A - 25)).
Accuracy @



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com