Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTB200-P Datasheet(PDF) 2 Page - LEM

Part # HTB200-P
Description  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HTB200-P Datasheet(HTML) 2 Page - LEM

  HTB200-P Datasheet HTML 1Page - LEM HTB200-P Datasheet HTML 2Page - LEM HTB200-P Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
120425/12
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
Page 2/3
Current Transducer HTB 50 .. 400-P and HTB 50 .. 100-TP
Isolation characteristics
V
d
Rms voltage for AC isolation test, 50 Hz, 1 min
2.5
kV
V
e
Partial discharge extinction voltage rms @ 10pC
> 500
V
V
w
Impulse withstand voltage 1.2/50 µs
4
kV
dCp
Creepage distance
> 4.5
mm
dCl
Clearance distance
> 4.5
mm
CTI
Comparative tracking index (Group IIIa)
275
Application examples
According to EN 50178 and CEI 61010-1 standards and following conditions :
- Over voltage category III
- Pollution degree 2
- Heterogeneous field
EN 50178
IEC 61010-1
Single isolation
300 V
300 V
Reinforced isolation
150 V
150 V
Safety
This transducer must be used in electric/electronic equipment with respect
to applicable standards and safety requirements in accordance with the
manufacturer’s operating instructions.
Caution, risk of electrical shock
When operating the transducer, certain parts of the module can carry hazardous
voltage (eg. primary busbar, power supply).
Ignoring this warning can lead to injury and/or cause serious damage.
This transducer is a built-in device, whose conducting parts must be inaccessible
after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com