Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTB200-P Datasheet(PDF) 1 Page - LEM

Part # HTB200-P
Description  Current Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HTB200-P Datasheet(HTML) 1 Page - LEM

  HTB200-P Datasheet HTML 1Page - LEM HTB200-P Datasheet HTML 2Page - LEM HTB200-P Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
120425/12
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
Page 1/3
I
PN = 50 .. 400 A
Features
● Hall effect measuring principle
● Galvanic isolation between
primary and secondary circuit
● Isolation voltage 2500 V
● Low power consumption
● Wide power supply: ± 12 ..15 V
● Primary bus bar option for 50
A and 100 A version for ease of
connection
Advantages
● Small size and space saving
● Only one design for wide current
ratings range
● High immunity to external
interference.
Applications
● AC variable speed drives
● Static converters for DC motor
drives
● Battery supplied applications
● Uninterruptible Power Supplies
(UPS)
● Switched Mode Power Supplies
(SMPS)
● Power supplies for welding
applications
Application domain
● Industrial
Current Transducer HTB 50 .. 400 - P
and HTB 50 .. 100 - TP
For the electronic measurement of currents: DC, AC, pulsed...,
with a galvanic isolation between the primary circuit (high power) and
the secondary circuit (electronic circuit).
Electrical data
Primary nominal
Primary current
Type
current rms
measuring range
I
PN (A)
I
PM (A)
± 50
± 150
HTB 50-P, HTB 50-TP1)
± 100
± 300
HTB 100-P, HTB 100-TP1)
± 150
± 450
HTB 150-P
± 200
± 500
HTB 200-P
± 300
± 600
HTB 300-P
± 400
± 600
HTB 400-P
V
C
Supply voltage (± 5 %) 2)
± 12 ..15
V
I
C
Current consumption
± 15
mA
V
d
Rms voltage for AC isolation test, 50 Hz, 1 min
2.5
kV
R
IS
Isolation resistance @ 500 VDC
> 500
MW
V
OUT
Output voltage (Analog)@ ±
I
PN, RL = 10kW, TA = 25°C
± 4
V
R
OUT
Output internal resistance
100
W
R
L
Load resistance
> 10
kW
Accuracy - Dynamic performance data
X
Accuracy @
I
PN, TA = 25°C (excluding offset)
< ± 1
% of
I
PN
e
L
Linearity error (0 .. ±
I
PN)
< ± 1
% of
I
PN
V
OE
Electrical offset voltage @
T
A = 25°C
< ± 30
mV
V
OH
Hysteresis offset voltage @
I
P = 0;
after an excursion of 1 x
I
PN
< ± 1
% of
I
PN
TCV
OE Temperature coefficient of VOE HTB 50-(T)P
< ± 2.0
mV/K
HTB 100-(T)P .. 400-P
< ± 1.0
mV/K
TCV
OUT Temperature coefficient of VOUT (% of reading)
< ± 0.1
%/K
t
r
Response time to 90% of
I
PN step
< 3
µs
BW
Frequency bandwidth (- 3 dB) 3)
DC .. 50
kHz
General data
T
A
Ambient operating temperature
- 40 .. + 80
°C
T
S
Ambient storage temperature
- 40 .. + 85
°C
m
Mass
< 30 ( < 36)
g
Standards
EN 50178 :
1997
2 pins of Ø2mm diameter are available on transducer
for PCB soldering
Notes : 1) -TP version is equipped with a primary bus bar.
2)
Operating at ±12V ≤ Vc < ±15V will reduce the measuring range.
3)
Derating is needed to avoid excessive core heating at high frequency.


Similar Part No. - HTB200-P

ManufacturerPart #DatasheetDescription
logo
LEM
HTB200-P LEM-HTB200-P Datasheet
66Kb / 2P
Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB200-P LEM-HTB200-P Datasheet
77Kb / 2P
Current Transducers HTB 50~400-P and HTB 50~100-TP
HTB200-P LEM-HTB200-P Datasheet
687Kb / 2P
Current Transducers
HTB200-P LEM-HTB200-P Datasheet
652Kb / 2P
Current Transducers
HTB200-p LEM-HTB200-p Datasheet
551Kb / 3P
Current Transducer HTB 50 .. 400 - P and HTB 50 .. 100 - TP
More results

Similar Description - HTB200-P

ManufacturerPart #DatasheetDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com