Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93732 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS93732
Description  Low Cost DDR Phase Lock Loop Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93732 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS93732 Datasheet HTML 1Page - Integrated Circuit Systems ICS93732 Datasheet HTML 2Page - Integrated Circuit Systems ICS93732 Datasheet HTML 3Page - Integrated Circuit Systems ICS93732 Datasheet HTML 4Page - Integrated Circuit Systems ICS93732 Datasheet HTML 5Page - Integrated Circuit Systems ICS93732 Datasheet HTML 6Page - Integrated Circuit Systems ICS93732 Datasheet HTML 7Page - Integrated Circuit Systems ICS93732 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
ICS93732
0578H—02/19/04
Notes:
1.
Refers to transition on noninverting output.
2.
While the pulse skew is almost constant over frequency, the duty cycle error
increases at higher frequencies.This is due to the formula: duty cycle=twH/tc, where
the cycle (tc) decreases as the frequency goes up.
Timing Requirements
TA = 0 - 70°C; Supply Voltage AVDD, VDD = 2.50V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Operating Clock Frequency
freqop
Input Voltage level: 0-2.50V
22
340
MHz
Input Clock Duty Cycle
1
dtin
40
50
60
%
Clock Stabilization
1
tSTAB
from VDD = 2.5V to 1% target frequency
100
µs
1. Guaranteed by design, not 100% tested in production.
Switching Characteristics
TA = 0 - 70°C; Supply Voltage AVDD, VDD = 2.50V ± 0.20V (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
66 MHz
100
120
100 / 125/ 133/167MHz
48
65
200/267MHz
47
75
Phase Error
1
tpe
-150
150
ps
Output to output Skew
1
Tskew
20
100
ps
66 MHz to 100MHz
49.5
50
50.5
%
101MHz to 267 MHz
49
49.4
51
%
Rise Time, Fall Time
4
tR , tf
Load=120
Ω/14pF
579
950
ps
ps
tc-c
Duty Cycle (Sign Ended)
1,3
DC
Cycle to cycle Jitter
1,2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com