Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93732 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS93732
Description  Low Cost DDR Phase Lock Loop Zero Delay Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS93732 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS93732 Datasheet HTML 1Page - Integrated Circuit Systems ICS93732 Datasheet HTML 2Page - Integrated Circuit Systems ICS93732 Datasheet HTML 3Page - Integrated Circuit Systems ICS93732 Datasheet HTML 4Page - Integrated Circuit Systems ICS93732 Datasheet HTML 5Page - Integrated Circuit Systems ICS93732 Datasheet HTML 6Page - Integrated Circuit Systems ICS93732 Datasheet HTML 7Page - Integrated Circuit Systems ICS93732 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Integrated
Circuit
Systems, Inc.
ICS93732
0578H—02/19/04
Block Diagram
Low Cost DDR Phase Lock Loop Zero Delay Buffer
Pin Configuration
Recommended Application:
DDR Zero Delay Clock Buffer
Product Description/Features:
•
Low skew, low jitter PLL clock driver
•
Max frequency supported = 266MHz (DDR 533)
•I
2C for functional and output control
•
Feedback pins for input to output synchronization
•
Spread Spectrum tolerant inputs
•
3.3V tolerant CLK_INT input
Switching Characteristics:
•
CYCLE - CYCLE jitter (66MHz): <120ps
•
CYCLE - CYCLE jitter (>100MHz): <65ps
•
CYCLE - CYCLE jitter (>200MHz): <75ps
•
OUTPUT - OUTPUT skew: <100ps
•
DUTY CYCLE: 49.5% - 50.5%
Functionality
S
T
U
P
N
IS
T
U
P
T
U
O
e
t
a
t
S
L
L
P
D
D
V
AT
N
I
_
K
L
CT
K
L
CC
K
L
CT
T
U
O
_
B
F
V
5
.
2
)
m
o
n
(
LL
H
L
n
o
V
5
.
2
)
m
o
n
(
HH
L
H
n
o
FB_INT
FB_INT
CLK_INT
CLK_INT
SCLK
SCLK
SD
SDA
AT
TA
A
Control
Control
Logic
Logic
FB_OUTT
FB_OUTT
DDRC0
DDRC0
PLL
PLL
DDRT0
DDRT0
DDRC1
DDRC1
DDRT1
DDRT1
DDRC2
DDRC2
DDRT2
DDRT2
DDRC3
DDRC3
DDRT3
DDRT3
DDRC4
DDRC4
DDRT4
DDRT4
DDRC5
DDRC5
DDRT5
DDRT5
DDRC0
1
28 GND
DDRT0
2
27 DDRC5
VDD
3
26 DDRT5
DDRT1
4
25 DDRC4
DDRC1
5
24 DDRT4
GND
6
23 VDD
SCLK
7
22 SDATA
CLK_INT
8
21 N/C
N/C
9
20 FB_INT
VDDA 10
19 FB_OUT
GND 11
18 N/C
VDD 12
17 DDRT3
DDRT2 13
16 DDRC3
DDRC2 14
15 GND
28-Pin 209mil SSOP
28-Pin 173mil TSSOP


Similar Part No. - ICS93732

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS93732 RENESAS-ICS93732 Datasheet
313Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
2019
ICS93732YFLFT RENESAS-ICS93732YFLFT Datasheet
313Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
2019
More results

Similar Description - ICS93732

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93735 ICST-ICS93735 Datasheet
126Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93705 ICST-ICS93705 Datasheet
65Kb / 7P
DDR Phase Lock Loop Zero Delay Clock Buffer
ICS93722 ICST-ICS93722 Datasheet
54Kb / 6P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
ICS93776 ICST-ICS93776 Datasheet
82Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
logo
Integrated Device Techn...
ICS9P935 IDT-ICS9P935 Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
logo
Renesas Technology Corp
93722 RENESAS-93722 Datasheet
240Kb / 8P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
REV G 10/05/10
ICS93705 RENESAS-ICS93705 Datasheet
343Kb / 9P
DDR Phase Lock Loop Zero Delay Clock Buffer
2019
ICS93732 RENESAS-ICS93732 Datasheet
313Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
2019
ICS93735 RENESAS-ICS93735 Datasheet
160Kb / 9P
Low Cost DDR Phase Lock Loop Zero Delay Buffer
02/11/07
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com