Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS950805F-T Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS950805F-T
Description  Frequency Generator with 200MHz Differential CPU Clocks
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS950805F-T Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS950805F-T Datasheet HTML 1Page - Integrated Circuit Systems ICS950805F-T Datasheet HTML 2Page - Integrated Circuit Systems ICS950805F-T Datasheet HTML 3Page - Integrated Circuit Systems ICS950805F-T Datasheet HTML 4Page - Integrated Circuit Systems ICS950805F-T Datasheet HTML 5Page - Integrated Circuit Systems ICS950805F-T Datasheet HTML 6Page - Integrated Circuit Systems ICS950805F-T Datasheet HTML 7Page - Integrated Circuit Systems ICS950805F-T Datasheet HTML 8Page - Integrated Circuit Systems ICS950805F-T Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Integrated
Circuit
Systems, Inc.
ICS950805
0649H—02/25/05
Block Diagram
Recommended Application:
CK-408 clock for Almador-M and Brookdale-Mobile
chipsets. Programmable for group to group skew.
Output Features:
•
3 Differential CPU Clock Pairs (differential current
mode)
•
7 PCI (3.3V) @ 33.3MHz
•
3 PCI_F (3.3V) @ 33.3MHz
•
1 USB (3.3V) @ 48MHz
•
1 DOT (3.3V) @ 48MHz
•
1 REF (3.3V) @ 14.318MHz
•
1 3V66 (3.3V) @ 66.6MHz
•
1 VCH/3V66 (3.3V) @ 48MHz or 66.6MHz
•
3 66MHz_OUT/3V66 (3.3V) @ 66.6MHz_IN
or 66.6MHz
•
1 66MHz_IN/3V66 (3.3V) @ Input/66MHz
Features:
•
Almador Chipset has a DLL driving the clock buffer
path for the 3 buffer path 66.6 MHz outputs,
66Buf(0:2). Almador board level designs MUST
use pin 22, 66Buf_1, as the feedback connection
from the clock buffer path to the Almador
(GMCH) chipset.
•
Supports spread spectrum modulation,
down spread 0 to -0.5%.
•
Efficient power management scheme through PD#,
CPU_STOP# and PCI_STOP#.
Key Specifications:
•
CPU Output Jitter <150ps
•
3V66 Output Jitter <250ps
•
66MHz Output Jitter (Buffered Mode Only) <100ps
•
CPU Output Skew <100ps
Pin Configuration
56-Pin 300mil SSOP
6.10 mm. Body, 0.50 mm. pitch TSSOP
Frequency Generator with 200MHz Differential CPU Clocks
VDDREF
X1
X2
GND
PCICLK_F0
PCICLK_F1
PCICLK_F2
VDDPCI
GND
PCICLK0
PCICLK1
PCICLK2
PCICLK3
VDDPCI
GND
PCICLK4
PCICLK5
PCICLK6
VDD3V66
GND
66MHz_OUT0/3V66_2
66MHz_OUT1/3V66_3
66MHz_OUT2/3V66_4
66MHz_IN/3V66_5
*PD#
VDDA
GND
Vtt_PWRGD#
REF
FS1
FS0
CPU_STOP#*
CPUCLKT0
CPUCLKC0
VDDCPU
CPUCLKT1
CPUCLKC1
GND
VDDCPU
CPUCLKT2
CPUCLKC2
MULTSEL0*
I REF
GND
FS2
48MHz_USB
48MHz_DOT
VDD48
GND
3V66_1/VCH_CLK
PCI_STOP#*
3V66_0
VDD3V66
GND
SCLK
SDATA
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
Functionality
PLL2
PLL1
Spread
Spectrum
3V66_5/66MHz_IN
3V66_3/66MHz_OUT1
3V66_(4,2)/66MHz_OUT(2,0)
48MHz_USB
48MHz_DOT
X1
X2
XTAL
OSC
3V66
DIVDER
PD#
CPU_STOP#
PCI_STOP#
MULTSEL0
SDATA
SCLK
FS (2:0)
I REF
Control
Logic
Config.
Reg.
REF
66MHz_0
CPU
DIVDER
3
3
CPUCLKT (2:0)
CPUCLKC (2:0)
Stop
3V66_1/VCH_CLK
PCICLK (6:0)
PCI
DIVDER
3
7
PCICLK_F (2:0)
Stop
* These inputs have 150K internal pull-up resistor to VDD.
2
S
F1
S
F0
S
F
U
P
C
)
z
H
M
(
)
0
:
1
(
6
6
V
3
)
z
H
M
(
)
0
:
2
(
t
u
O
z
H
M
6
6
)
2
:
4
(
6
6
V
3
)
z
H
M
(
F
_
I
C
P
I
C
P
)
z
H
M
(
n
I
z
H
M
6
6
)
5
(
6
6
V
3
)
z
H
M
(
00
0
6
6
.
6
66
6
.
6
66
6
.
6
63
3
.
3
36
6
.
6
6
00
1
0
0
.
0
0
16
6
.
6
66
6
.
6
63
3
.
3
36
6
.
6
6
01
0
0
0
.
0
0
26
6
.
6
66
6
.
6
63
3
.
3
36
6
.
6
6
01
1
3
3
.
3
3
16
6
.
6
66
6
.
6
63
3
.
3
36
6
.
6
6
10
0
6
6
.
6
66
6
.
6
6N
I
_
z
H
M
6
62
/
N
I
_
z
H
M
6
6N
I
_
z
H
M
6
6
10
1
0
0
.
0
0
16
6
.
6
6N
I
_
z
H
M
6
62
/
N
I
_
z
H
M
6
6N
I
_
z
H
M
6
6
11
0
0
0
.
0
0
26
6
.
6
6N
I
_
z
H
M
6
62
/
N
I
_
z
H
M
6
6N
I
_
z
H
M
6
6
11
1
3
3
.
3
3
16
6
.
6
6N
I
_
z
H
M
6
62
/
N
I
_
z
H
M
6
6N
I
_
z
H
M
6
6
d
i
M0
0
e
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
Te
t
a
t
s
i
r
T
d
i
M0
1
2
/
K
L
C
T4
/
K
L
C
T4
/
K
L
C
T8
/
K
L
C
T4
/
K
L
C
T
d
i
M1
0
d
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
R
d
i
M1
1
d
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
Rd
e
v
r
e
s
e
R


Similar Part No. - ICS950805F-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS950805 RENESAS-ICS950805 Datasheet
185Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
02/25/05
ICS950805YFLF-T RENESAS-ICS950805YFLF-T Datasheet
185Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
02/25/05
More results

Similar Description - ICS950805F-T

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS950810 ICST-ICS950810 Datasheet
167Kb / 19P
Frequency Generator with 200MHz Differential CPU Clocks
ICS9250-38 ICST-ICS9250-38 Datasheet
136Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950812 ICST-ICS950812 Datasheet
225Kb / 29P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950813 ICST-ICS950813 Datasheet
253Kb / 22P
Frequency Generator with 200MHz Differential CPU Clocks
ICS950811 ICST-ICS950811 Datasheet
290Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Integrated Device Techn...
ICS950812 IDT-ICS950812 Datasheet
233Kb / 30P
Frequency Generator with 200MHz Differential CPU Clocks
logo
Renesas Technology Corp
ICS950805 RENESAS-ICS950805 Datasheet
185Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
02/25/05
ICS950810 RENESAS-ICS950810 Datasheet
410Kb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
ICS950811 RENESAS-ICS950811 Datasheet
288Kb / 18P
Frequency Generator with 200MHz Differential CPU Clocks
08/09/07
ICS950818 RENESAS-ICS950818 Datasheet
1Mb / 20P
Frequency Generator with 200MHz Differential CPU Clocks
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com