Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP888GD Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888GD
Description  8-Bit CMOS ROM Based Microcontrollers with 16k
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888GD Datasheet(HTML) 4 Page - National Semiconductor (TI)

  COP888GD Datasheet HTML 1Page - National Semiconductor (TI) COP888GD Datasheet HTML 2Page - National Semiconductor (TI) COP888GD Datasheet HTML 3Page - National Semiconductor (TI) COP888GD Datasheet HTML 4Page - National Semiconductor (TI) COP888GD Datasheet HTML 5Page - National Semiconductor (TI) COP888GD Datasheet HTML 6Page - National Semiconductor (TI) COP888GD Datasheet HTML 7Page - National Semiconductor (TI) COP888GD Datasheet HTML 8Page - National Semiconductor (TI) COP888GD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)7V
Voltage at Any Pin
−0.3V to V
CC + 0.3V
Total Current into V
CC Pin
(Source)
100 mA
Total Current out of GND Pin
(Sink)
110 mA
Storage Temperature Range
−65˚C to +140˚C
Note 1:
Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
DC Electrical Characteristics
−0˚C
≤ T
A ≤ +70˚C unless otherwise specified
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
2.5
5.5
V
Power Supply Ripple (Note 3)
Peak-to-Peak
0.1 V
CC
V
Supply Current (Note 4)
CKI = 10 MHz
V
CC = 5.5V, tc =1µs
20
mA
CKI = 4 MHz
V
CC = 4.0V, tc = 2.5
µs
10
mA
HALT Current (Note 5)
V
CC = 5.5V, CKI = 0
MHz
12
µA
V
CC = 4.0V, CKI = 0
MHz
10
µA
IDLE Current (Note 4)
CKI = 10 MHz
V
CC = 5.5V, tc = 1 µs
1.2
mA
CKI = 4 MHz
V
CC = 4.0V, tc = 2.5
µs
1mA
Input Levels
RESET , CKI
Logic High
0.8
V
CC
V
Logic Low
0.2 V
CC
V
All Other Inputs (L0-L7, G0-G6, C0-C7,
I0-I7)
Logic High
0.7
V
CC
V
Logic Low
0.2 V
CC
V
Hi-Z Input Leakage
V
CC = 5.5V
−2
+2
µA
Input Pullup Current
V
CC = 5.5V, VIN = 0V
−40
−250
µA
G and L Port Input Hysteresis (Note 9)
0.35
V
CC
V
Output Current Levels
D Outputs
Source
V
CC = 4.5V, VOH =
3.3V
−0.4
mA
Sink (Note 6)
V
CC = 4.5V, VOL =1V
10
mA
All Others
Source (Weak Pull-Up Mode)
V
CC = 4.5V, VOH =
2.7V
−10
−100
µA
Source (Push-Pull Mode)
V
CC = 4.5V, VOH =
3.3V
−0.4
mA
Sink (Push-Pull Mode)
V
CC = 4.5V, VOL =
0.4V
1.6
mA
TRI-STATE Leakage
V
CC = 5.5V
−2
+2
µA
Allowable Sink/Source Current per Pin
D Outputs (Sink)
15
mA
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com