Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP888GD Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP888GD
Description  8-Bit CMOS ROM Based Microcontrollers with 16k
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP888GD Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COP888GD Datasheet HTML 1Page - National Semiconductor (TI) COP888GD Datasheet HTML 2Page - National Semiconductor (TI) COP888GD Datasheet HTML 3Page - National Semiconductor (TI) COP888GD Datasheet HTML 4Page - National Semiconductor (TI) COP888GD Datasheet HTML 5Page - National Semiconductor (TI) COP888GD Datasheet HTML 6Page - National Semiconductor (TI) COP888GD Datasheet HTML 7Page - National Semiconductor (TI) COP888GD Datasheet HTML 8Page - National Semiconductor (TI) COP888GD Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
COP888GD
8-Bit CMOS ROM Based Microcontrollers with 16k
Memory and 8-Channel A/D
General Description
The COP888GD ROM based microcontrollers are highly in-
tegrated COP8Feature core devices with 16k memory
and advanced features including an A/D Converter. These
multi-chip CMOS devices are suited for applications requir-
ing a full featured controller with an 8-bit A/D converter, and
as pre-production devices for a masked ROM design. Pin
and software compatible 16k or 32k OTP EPROM versions
are available (COP87L88GD/RD Family) for pre-production,
and for use with a range of COP8 software and hardware de-
velopment tools.
Family features include an 8-bit memory mapped architec-
ture, 10 MHz CKI with 1µs instruction cycle, three multi-
function 16-bit timer/counters, MICROWIRE/PLUSserial
I/O, one 8-bit/8-channel A/D converter with prescaler and
both differential and single ended modes, two power saving
HALT/IDLE modes, MIWU, idle timer, high current outputs,
software selectable I/O options, WATCHDOGtimer and
Clock Monitor, 2.5V to 5.5V operation, program code secu-
rity, and 44 pin package.
Devices included in this datasheet are:
Device
Memory (bytes)
RAM (bytes)
I/O Pins
Packages
Temperature
Comments
COP688GD
16k ROM
256
40
44 PLCC
-55 to +125˚C
4.5V to 5.5V
COP888GD
16k ROM
256
40
44 PLCC
-40 to +85˚C
2.5V to 5.5V
COP988GD
16k ROM
256
40
44 PLCC
0 to +70˚C
2.5V to 4.0V, GDH = 4.0V to
6.0V
Key Features
n 8-channel A/D converter with prescaler and both
differential and single ended modes
n Three 16-bit timers, each with two 16-bit registers
supporting:
— Processor Independent PWM mode
— External Event counter mode
— Input Capture mode
n Quiet design (low radiated emissions)
n 16 kbytes on-board ROM
n 256 bytes on-board RAM
Additional Peripheral Features
n Idle Timer
n Multi-Input Wakeup (MIWU) with optional interrupts (8)
n WATCHDOG and clock monitor logic
n MICROWIRE/PLUS serial I/O
I/O Features
n Memory mapped I/O
n Software selectable I/O options (TRI-STATE® Output,
Push-Pull Output, Weak Pull Up Input, High Impedance
Input)
n Schmitt trigger inputs on ports G and L
n Package:
— 44 PLCC with 40 I/O pins
CPU/Instruction Set Features
n 1 µs instruction cycle time
n Twelve multi-source vectored interrupts servicing
— External Interrupt
— Idle Timer T0
— Three Timers (each with 2 Interrupts)
— MICROWIRE/PLUS
— Multi-Input Wake Up
— Software Trap
— Default VIS (default interrupt)
n Versatile and easy to use instruction set
n 8-bit Stack Pointer (SP) – stack in RAM
n Two 8-bit Register Indirect Data Memory Pointers (B
and X)
Fully Static CMOS
n Two power saving modes: HALT and IDLE
n Single supply operation: 2.5V to 5.5V
n Temperature range: −0˚C to +70˚C and −40˚C to +85˚C
Development Support
n Emulation and OTP devices
n Real time emulation and full program debug offered by
MetaLink Development System
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
MICROWIRE/PLUS, COP8, MICROWIREand WATCHDOGare trademarks of National Semiconductor Corporation.
iceMASTER® is a registered trademark of MetaLink Corporation.
July 1999
© 1999 National Semiconductor Corporation
DS100076
www.national.com


Similar Part No. - COP888GD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP888GG NSC-COP888GG Datasheet
598Kb / 53P
8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
COP888GG NSC-COP888GG Datasheet
438Kb / 40P
8-Bit One-Time Programmable (OTP) Microcontroller with 32 Kbytes of Program Memory
logo
Texas Instruments
COP888GG TI1-COP888GG Datasheet
631Kb / 55P
COP888xG/CS Family 8-Bit CMOS ROM Based Microcontrollers with 4k to 24k Memory, Comparators and USART
logo
National Semiconductor ...
COP888GW NSC-COP888GW Datasheet
471Kb / 44P
8-Bit Microcontroller with Pulse Train Generators
COP888GW-XXX/V NSC-COP888GW-XXX/V Datasheet
471Kb / 44P
8-Bit Microcontroller with Pulse Train Generators
More results

Similar Description - COP888GD

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP87L88CF NSC-COP87L88CF Datasheet
555Kb / 40P
8-Bit CMOS OTP Microcontrollers with 16k Memory and
COP87L88FH NSC-COP87L88FH Datasheet
487Kb / 45P
8-Bit CMOS OTP Microcontrollers with 16k Memory,
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
logo
Microchip Technology
PIC16F627A MICROCHIP-PIC16F627A Datasheet
3Mb / 168P
FLASH-Based 8-Bit CMOS Microcontrollers
2002
logo
National Semiconductor ...
COPCH942C NSC-COPCH942C Datasheet
368Kb / 26P
8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
COP8ACC NSC-COP8ACC Datasheet
578Kb / 43P
8-Bit CMOS ROM Based and OTP Microcontrollers with 4k or 16k Memory and High Resolution A/D
logo
Microchip Technology
PIC16C62X MICROCHIP-PIC16C62X_03 Datasheet
3Mb / 128P
EPROM-Based 8-Bit CMOS Microcontrollers
2003
PIC16C55X MICROCHIP-PIC16C55X_13 Datasheet
1Mb / 108P
EPROM-Based 8-Bit CMOS Microcontrollers
1/29/12 1996-2013
PIC16C622A-04I-P MICROCHIP-PIC16C622A-04I-P Datasheet
3Mb / 128P
EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com