Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1825H393DGGALTU Datasheet(PDF) 2 Page - Kemet Corporation

Part # C1825H393DGGALTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1825H393DGGALTU Datasheet(HTML) 2 Page - Kemet Corporation

  C1825H393DGGALTU Datasheet HTML 1Page - Kemet Corporation C1825H393DGGALTU Datasheet HTML 2Page - Kemet Corporation C1825H393DGGALTU Datasheet HTML 3Page - Kemet Corporation C1825H393DGGALTU Datasheet HTML 4Page - Kemet Corporation C1825H393DGGALTU Datasheet HTML 5Page - Kemet Corporation C1825H393DGGALTU Datasheet HTML 6Page - Kemet Corporation C1825H393DGGALTU Datasheet HTML 7Page - Kemet Corporation C1825H393DGGALTU Datasheet HTML 8Page - Kemet Corporation C1825H393DGGALTU Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1069_C0G_HV_HT_200C • 3/24/2016 2
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
HV-HT Series, High Voltage, High Temperature 200°C, C0G Dielectric, 500 – 2,000 VDC (Industrial Grade)
Packaging C-Spec Ordering Options Table
Termination Finish Options
Packaging Type/Options
Packaging
Ordering Code (C-Spec)
Standard Packaging – Unmarked3
C = 100% Matte Sn
L = SnPb (5% Pb min.)
F = Gold (Au) 30 – 50 µin
G = Gold (Au) 100 µin min.
Bulk Bag
Blank1
Waffle Tray2
7292
7" Tape & Reel
TU
13" Reel
7411 (EIA 0603 and smaller case sizes)
7210 (EIA 0805 and larger case sizes)
7” Tape & Reel/2 mm pitch4
7081
7" Tape & Reel – 50 pcs
T050
7" Tape & Reel – 100 pcs
T100
7" Tape & Reel – 250 pcs
T250
7" Tape & Reel – 500 pcs
T500
7" Tape & Reel – 1,000 pcs
T1K0
Moisture Sensitive Packaging5 – Unmarked3
E = Gold (Au) 1.97 – 11.8 µin
F = Gold (Au) 30 – 50 µin
G = Gold (Au) 100 µin min.
Waffle Tray2
7282
7" Tape & Reel
7130
7" Tape & Reel – 50 pcs
Contact KEMET6
7" Tape & Reel – 100 pcs
7" Tape & Reel – 250 pcs
7" Tape & Reel – 500 pcs
7" Tape & Reel – 1,000 pcs
1
Default packaging is “Bulk Bag”. An ordering code C-Spec is not required for “Bulk Bag” packaging.
1
“Bulk Bag” packaging option is not available for Gold (Au) termination finish options and case sizes larger than 2225 (5664 Metric).
2
“Waffle Tray” packaging option is not available for case sizes larger than 2225 (5664 Metric).
3
The terms “Marked” and “Unmarked” pertain to laser marking option of components. All packaging options labeled as “Unmarked” will contain capacitors that
have not been laser marked. The option to laser mark is not available on these devices.
3
Reeling quantities are dependent upon chip size and thickness dimension. When ordering using the “T1K0” packaging option, 1812 thru 2225 case size devices
with chip thickness of ≥ 1.9mm (nominal) may be shipped on multiple 7” reels or a single 13” reel. Additional reeling or packaging options may be available.
Contact KEMET for details.
4
The 2 mm pitch option allows for double the packaging quantity of capacitors on a given reel size. This option is limited to EIA 0603 (1608 metric) case size
devices. For more information regarding 2 mm pitch option see “Tape & Reel Packaging Information”.
5
Moisture sensitive packaging is required for Gold (Au) termination option “E” (1.97 – 11.8 µin)
6
Additional reeling or packaging options may be available. Contact KEMET for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com