Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C1825H393DGGALTU Datasheet(PDF) 25 Page - Kemet Corporation

Part # C1825H393DGGALTU
Description  Surface Mount Multilayer Ceramic Chip Capacitors
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1825H393DGGALTU Datasheet(HTML) 25 Page - Kemet Corporation

Back Button C1825H393DGGALTU Datasheet HTML 18Page - Kemet Corporation C1825H393DGGALTU Datasheet HTML 19Page - Kemet Corporation C1825H393DGGALTU Datasheet HTML 20Page - Kemet Corporation C1825H393DGGALTU Datasheet HTML 21Page - Kemet Corporation C1825H393DGGALTU Datasheet HTML 22Page - Kemet Corporation C1825H393DGGALTU Datasheet HTML 23Page - Kemet Corporation C1825H393DGGALTU Datasheet HTML 24Page - Kemet Corporation C1825H393DGGALTU Datasheet HTML 25Page - Kemet Corporation C1825H393DGGALTU Datasheet HTML 26Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 25 / 26 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1069_C0G_HV_HT_200C • 3/24/2016 25
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
HV-HT Series, High Voltage, High Temperature 200°C, C0G Dielectric, 500 – 2,000 VDC (Industrial Grade)
KEMET Corporation
World Headquarters
2835 KEMET Way
Simpsonville, SC 29681
Mailing Address:
P.O. Box 5928
Greenville, SC 29606
www.kemet.com
Tel: 864-963-6300
Fax: 864-963-6521
Corporate Offices
Fort Lauderdale, FL
Tel: 954-766-2800
North America
Northeast
Wilmington, MA
Tel: 978-658-1663
Southeast
Lake Mary, FL
Tel: 407-855-8886
Central
Novi, MI
Tel: 248-994-1030
Irving, TX
Tel: 972-915-6041
West
Milpitas, CA
Tel: 408-433-9950
Mexico
Guadalajara, Jalisco
Tel: 52-33-3123-2141
Europe
Southern Europe
Sasso Marconi, Italy
Tel: 39-051-939111
Skopje, Macedonia
Tel: 389-2-55-14-623
Central Europe
Landsberg, Germany
Tel: 49-8191-3350800
Kamen, Germany
Tel: 49-2307-438110
Northern Europe
Wyboston, United Kingdom
Tel: 44-1480-273082
Espoo, Finland
Tel: 358-9-5406-5000
Asia
Northeast Asia
Hong Kong
Tel: 852-2305-1168
Shenzhen, China
Tel: 86-755-2518-1306
Beijing, China
Tel: 86-10-5877-1075
Shanghai, China
Tel: 86-21-6447-0707
Seoul, South Korea
Tel: 82-2-6294-0550
Taipei, Taiwan
Tel: 886-2-27528585
Southeast Asia
Singapore
Tel: 65-6701-8033
Penang, Malaysia
Tel: 60-4-6430200
Bangalore, India
Tel: 91-806-53-76817
Note: KEMET reserves the right to modify minor details of internal and external construction at any time in the interest of product improvement. KEMET does not
assume any responsibility for infringement that might result from the use of KEMET Capacitors in potential circuit designs. KEMET is a registered trademark of
KEMET Electronics Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com