Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR4045HF Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # MBR4045HF
Description  High frequency switch power supply
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

MBR4045HF Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  MBR4045HF Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR4045HF Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR4045HF Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR4045HF Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR4045HF Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR4045HF Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR4045HF Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. MBR4045HF Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R
版本(Rev):201408A
1/8
肖特基势垒二极管
SCHOTTKY BARRIER DIODE
MBR4045
订 货 型 号
Order codes
印
记
Marking
封
装
Package
无卤素
Halogen Free
包
装
Packaging
器件重量
Device Weight
MBR4045Z
MBR4045
TO-220
否
NO
条管 Tube
1.98 g(typ)
MBR4045ZR
MBR4045
TO-220
是
YES
条管 Tube
1.98 g(typ)
MBR4045HF
MBR4045
TO-220HF
否
NO
条管 Tube
1.70 g(typ)
MBR4045HFR
MBR4045
TO-220HF
是
YES
条管 Tube
1.70 g(typ)
MBR4045AB
MBR4045
TO-3PB
否
NO
条管 Tube
5.20 g(typ)
MBR4045ABR
MBR4045
TO-3PB
是
YES
条管 Tube
5.20 g(typ)
MBR4045W
MBR4045
TO-247
否
NO
条管 Tube
5.40 g(typ)
MBR4045WR
MBR4045
TO-247
是
YES
条管 Tube
5.40 g(typ)
主要参数
MAIN
CHARACTERISTICS
IF(AV)
40(2×20)A
VRRM
45 V
Tj
150 ℃
VF(max)
0.54V (@Tj=125℃)
封装 Package
用途
 高频开关电源
 低压续流电路和保护电
路
APPLICATIONS
High frequency switch
power supply
Free wheeling diodes,
polarity protection
applications
产品特性
共阴结构
低功耗,高效率
良好的高温特性
有过压保护环,
高可靠性
环保(RoHS)产品
FEATURES
Common cathode structure
Low power loss, high efficiency
High Operating Junction
Temperature
Guard ring for overvoltage
protection,High reliability
RoHS product
订货信息 ORDER MESSAGE


Similar Part No. - MBR4045HF

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR4045 MOTOROLA-MBR4045 Datasheet
72Kb / 4P
SWITCHMODE??Power Rectifier
logo
Diodes Incorporated
MBR4045 DIODES-MBR4045 Datasheet
89Kb / 2P
40A SCHOTTKY BARRIER RECTIFIER
DS23019 Rev. E-2
logo
General Semiconductor
MBR4045 GE-MBR4045 Datasheet
74Kb / 2P
SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
MBR4045 MCC-MBR4045 Datasheet
110Kb / 3P
40 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Gunter Seniconductor Gm...
MBR4045 GSG-MBR4045 Datasheet
76Kb / 1P
Chips for Schottky Diodes
More results

Similar Description - MBR4045HF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
ML4823 FAIRCHILD-ML4823 Datasheet
121Kb / 9P
High Frequency Power Supply Controller
logo
Micro Linear Corporatio...
ML4823 MICRO-LINEAR-ML4823 Datasheet
578Kb / 9P
High Frequency Power Supply Controller
logo
JILIN SINO-MICROELECTRO...
HBR20S45 JSMC-HBR20S45 Datasheet
290Kb / 6P
High frequency switch power supply
HBR20S45S JSMC-HBR20S45S Datasheet
293Kb / 6P
High frequency switch power supply
HBR4045 JSMC-HBR4045 Datasheet
446Kb / 8P
High frequency switch power supply
HBR4060 JSMC-HBR4060 Datasheet
315Kb / 8P
High frequency switch power supply
HBR10100S JSMC-HBR10100S Datasheet
665Kb / 10P
High frequency switch power supply
HBR20100C JSMC-HBR20100C Datasheet
598Kb / 10P
High frequency switch power supply
HBR20100D JSMC-HBR20100D Datasheet
783Kb / 10P
High frequency switch power supply
HBR20100U JSMC-HBR20100U Datasheet
325Kb / 7P
High frequency switch power supply
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com