Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP35C Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # TIP35C
Description  Audio amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

TIP35C Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  TIP35C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP35C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP35C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP35C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R
版本:201605B
1/4
NPN 硅外延晶体管
NPN Epitaxial Silicon Transistor
TIP35C
订 货 型 号
Order codes
印
记
Marking
无卤素
Halogen Free
封
装
Package
包
装
Packaging
器件重量
Weight
TIP35C-O-W-N-B
TIP35C
否
NO
TO-247
条管 Tube
6.00g(typ)
绝对最大额定值
ABSOLUTE RATINGS (Tc=25℃ unless otherwise noted)
项
目
Parameter
符
号
Symbol
数
值
Value
单
位
Unit
集电极—基极直流电压
Collector- Base Voltage
VCBO
100
V
集电极—发射极直流电压
Collector- Emitter Voltage
VCEO
100
V
发射极—基极直流电压
Emitter-Base Voltage
VEBO
5
V
最大集电极电流
Collector Current
IC
25
A
最大基极电流
Base Current
IB
5
A
最大集电极耗散功率
Collector Dissipation(Tc=25℃)
PC
125
W
最高结温
Junction Temperature
Tj
150
℃
贮存温度
Storage Temperature
Tstg
-65~150
℃
封装 Package
TO-247
订货信息 ORDER MESSAGE
用途
应用音频放大
通用
APPLICATIONS
Audio amplifier
General purpose
产品特性
高集电极电压:VCEO=100V (min)
低饱和压降
与 TIP36C 互补
环保(RoHS)产品
FEATURES
High collector voltage:VCEO=100V (min)
Low collector-emitter saturation voltage
Complementary to TIP36C
RoHS product
1. 基极 BASE
2. 集电极(热沉)
COLLECTOR (HEAT SINK)
3. 发射极 EMITTER


Similar Part No. - TIP35C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP35C MOSPEC-TIP35C Datasheet
154Kb / 3P
POWER TRANSISTORS(25A,40-100V,125W)
logo
Motorola, Inc
TIP35C MOTOROLA-TIP35C Datasheet
157Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP35C ONSEMI-TIP35C Datasheet
157Kb / 6P
COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Power Innovations Ltd
TIP35C POINN-TIP35C Datasheet
93Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP35C STMICROELECTRONICS-TIP35C Datasheet
47Kb / 4P
COMPLEMENTARY SILICON HIGH POWER TRANSISTORS
Oct-1999
More results

Similar Description - TIP35C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
TBA641 FAIRCHILD-TBA641 Datasheet
356Kb / 6P
AUDIO AMPLIFIER
logo
List of Unclassifed Man...
AMIS-14935 ETC2-AMIS-14935 Datasheet
1Mb / 9P
Audio Amplifier
logo
JILIN SINO-MICROELECTRO...
TIP36C JSMC-TIP36C Datasheet
327Kb / 4P
Audio amplifier
logo
Analog Devices
SSM3515 AD-SSM3515_17 Datasheet
1Mb / 41P
Audio Amplifier
1/2017-Rev. 0 to Rev. A
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
logo
STMicroelectronics
BC287 STMICROELECTRONICS-BC287 Datasheet
91Kb / 4P
AUDIO AMPLIFIER
Jan-1989
logo
AiT Semiconductor Inc.
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
List of Unclassifed Man...
BC286 ETC-BC286 Datasheet
112Kb / 2P
AUDIO AMPLIFIER
JANUARY 1989
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com