Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

201UR103C Datasheet(PDF) 1 Page - CTS Corporation

Part # 201UR103C
Description  Commercial 15 mmDiameter Carbon Composition Trimmer Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

201UR103C Datasheet(HTML) 1 Page - CTS Corporation

  201UR103C Datasheet HTML 1Page - CTS Corporation 201UR103C Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Resistance Range
500Ω through 5 Megohms
Fixed resistor available
Resistance Tolerance
±30%, ±20%, ±10%
Power Rating, Watts
1/4 watt @ 55° ( resistance up to 5000Ω )
C
watt @ 55°C
Voltage Rating
350 VDC
Angle of Rotation
260°
Adjusting Knob Information
Diameter: 19/32" (15.08mm)
Trim:
Knob Periphery
Knob Adjustmeent
CTS Type
Standard:
Smooth round
Slotted — front or rear screwdriver adjust
201 R
Standard Color: Blue
Turning Torque
Standard: 3/4 to 6 in-oz (54 – 432 gf-cm)
Special: 2 to 7 in-oz (144 – 505 gf-cm)
Stop Strength
21/2 in-lb (2.9 kgf-cm min.)
Mounting Information
Type 201U for mounting control with knob parallel to printed
circuit board.
Type 201X for mounting control with knob perpendicular to
printed circuit board.
Commercial
15 mmDiameter
Trimmer Potentiometer
• Miniature size — knob 19/32" (15.08mm)
diameter
• Printed circuit mounting with knob parallel
or perpendicular to printed circuit board
• Wide resistance range
• Knob slotted for screwdriver adjustment
• Reliable CTS composition resistance element
• Low cost
Series 201
Electrical and Mechanical Specifications
Features
• RoHS compliant
®
Electrocomponents
Data Sheet
Data Sheet
Trimmer Potentiometer
1/5
Carbon Composition
° ( resistance up to 5000Ω )
( resistance above 5000Ω )
Operating Temperature
-35°C ~ 85°C
1 - 2
CTS
© 2013 CTS Corporation. All rights reserved. Information subject to change.
Electrocomponents
11/13/13
www.ctscorp.com


Similar Part No. - 201UR103C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
201 LITTELFUSE-201 Datasheet
75Kb / 2P
MINIATURE FUSES - 5x20mm
logo
List of Unclassifed Man...
201 ETC2-201 Datasheet
115Kb / 2P
RUGGED and LIGHTWEIGHT ALUMINUM BATTERY HOLDERS
201 ETC2-201 Datasheet
230Kb / 1P
Wiha Insulated Open-Ended Spanners
logo
ETAL Group
201 ETAL-201 Datasheet
258Kb / 4P
Process control systems, instrumentation, rail vehicles
logo
Alpha Wire
201 ALPHAWIRE-201 Datasheet
194Kb / 2P
M12-A Male 4 Pin Field Attachable
More results

Similar Description - 201UR103C

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
WS-2A SHARMA-WS-2A Datasheet
787Kb / 1P
WS Series Hot-Molded Carbon Composition Potentiometer
WS19 SHARMA-WS19 Datasheet
1,002Kb / 2P
Carbon Composition Potentiometer
logo
Panasonic Semiconductor
EVN-D2AA03B52 PANASONIC-EVN-D2AA03B52 Datasheet
152Kb / 3P
Carbon Composition Trimmer Po ten ti om e ters/EVND
logo
CTS Corporation
250U20F102B1NA CTS-250U20F102B1NA_16 Datasheet
249Kb / 3P
Commercial 9mm Carbon Composition Rotary Potentiometer
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
Long Life 9mm Carbon Composition Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
448UE2102BD CTS-448UE2102BD_16 Datasheet
118Kb / 4P
Commercial Linear Motion Carbon Composition Slide Potentiometer
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
442TA2T103BDN CTS-442TA2T103BDN Datasheet
199Kb / 2P
Commercial Linear Motion Carbon Composition Slide Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com