Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4733 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4733
Description  3 Channel 30W Audio Power Amplifier with Mute
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4733 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM4733 Datasheet HTML 5Page - National Semiconductor (TI) LM4733 Datasheet HTML 6Page - National Semiconductor (TI) LM4733 Datasheet HTML 7Page - National Semiconductor (TI) LM4733 Datasheet HTML 8Page - National Semiconductor (TI) LM4733 Datasheet HTML 9Page - National Semiconductor (TI) LM4733 Datasheet HTML 10Page - National Semiconductor (TI) LM4733 Datasheet HTML 11Page - National Semiconductor (TI) LM4733 Datasheet HTML 12Page - National Semiconductor (TI) LM4733 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Optional External Component
Interaction
Although the optional external components have specific
desired functions that are designed to reduce the bandwidth
and eliminate unwanted high frequency oscillations they may
cause certain undesirable effects when they interact. Inter-
action may occur for components whose reactances are in
close proximity to one another. One example would be the
coupling capacitor, C
C, and the compensation capacitor, Cf.
These two components act as low impedances to certain
frequencies which will couple signals from the input to the
output. Please take careful note of basic amplifier compo-
nent functionality when designing in these components.
The optional external components shown in Figure 4 and
Figure 5 and described above are applicable in both single
and split voltage supply configurations.
Typical Performance Characteristics
Supply Current
vs Supply Voltage
PSRR vs Frequency
±24V, V
RIPPLE =1VRMS
R
L =8
Ω, 80kHz BW
20079417
20079416
THD+N vs Frequency
±19V, P
OUT = 1W/Channel
R
L =4
Ω, 80kHz BW
THD+N vs Frequency
±24V, P
OUT = 1W/Channel
R
L =8
Ω, 80kHz BW
20079419
20079446
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com