Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4733 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4733
Description  3 Channel 30W Audio Power Amplifier with Mute
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4733 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4733 Datasheet HTML 9Page - National Semiconductor (TI) LM4733 Datasheet HTML 10Page - National Semiconductor (TI) LM4733 Datasheet HTML 11Page - National Semiconductor (TI) LM4733 Datasheet HTML 12Page - National Semiconductor (TI) LM4733 Datasheet HTML 13Page - National Semiconductor (TI) LM4733 Datasheet HTML 14Page - National Semiconductor (TI) LM4733 Datasheet HTML 15Page - National Semiconductor (TI) LM4733 Datasheet HTML 16Page - National Semiconductor (TI) LM4733 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Typical Performance Characteristics (Continued)
Output Power vs Supply Voltage
Chs 1&3 in Bridge Mode (Note15),
f = 1kHz, R
L =8
Ω, 80kHz BW
Output Power vs Supply Voltage
Chs 1&3 in Parallel Mode (Note16),
f = 1kHz, R
L =4
Ω, 80kHz BW
20079413
20079415
Output Power vs Supply Voltage
All Chs in Parallel Mode (Note16),
f = 1kHz, R
L =2
Ω, 80kHz BW
20079414
Note 15: Bridge mode graphs were taken using the demo board and inverting the signal to the channel B input.
Note 16: Parallel mode graphs were taken using the demo board connecting each output through a 0.1
Ω/3W resistor to the load.
Application Information
MUTE MODE
The muting function allows the user to mute the amplifier.
This can be accomplished as shown in the Typical Applica-
tion Circuit. The resistor R
M is chosen with reference to the
negative supply voltage and is used in conjunction with a
switch. The switch, when opened or switched to GND, cuts
off the current flow from the MUTE pins to −V
EE, thus placing
the LM4733 into mute mode. Refer to the Mute Attenuation
vs Mute Current curves in the Typical Performance Char-
acteristics section for values of attenuation per current out
of each MUTE pin. The resistance R
M is calculated by the
following equation:
R
M
≤ (|−V
EE| − 2.6V) / IMUTE
Where I
MUTE
≥ 0.5mA for each MUTE pin.
The MUTE pins can be tied together so that only one resistor
is required for the mute function. The mute resistor value
must be chosen so that a minimum of 1.5mA is pulled
through the resistor R
M. This ensures that each amplifier is
fully operational. Taking into account supply line fluctuations,
it is a good idea to pull out 1mA per MUTE pin or 3mA total
if all pins are tied together.
A turn-on MUTE or soft start circuit may also be used during
power up. A simple circuit like the one shown below may be
used.
200794B7
The RC combination of C
M and RM1 may cause the voltage
at point A to change more slowly than the -V
EE supply
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com