Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX100646 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AX100646
Description  CAT5E EZ-MDVO Modular Jack, RJ45, MDVO-style, Blue
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX100646 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AX100646 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX100646 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX100646 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Operating Temperature Range:
-10°C To +60°C
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
Other Standards:
FCC Part 68, Subpart F, IEC 60603-7
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2006
MII Order #39 (China RoHS):
EUP 50
Telecommunications Standards:
Category 5e - TIA 568.B.2, Category 5 - ISO/IEC 11801:2002 Ed.2
Safety Listing:
ACA, Bi-national Standard Listed
Suitability
Suitability - Indoor:
Yes - Indoor
Transmission Characteristics (Connectivity)
Mated Connection Table 1:
Frequency
(MHz)
Max.
Insertion Loss
TIA* (dB)
Max.
Insertion Loss
Belden** (dB)
Min.
NEXT
TIA* (dB)
Min.
NEXT
Belden** (dB)
Min.
FEXT
TIA* (dB)
Min.
FEXT
Belden** (dB)
1.000
0.100
0.100
65.000
77.000
65.000
67.000
4.000
0.100
0.100
65.000
72.300
63.100
65.000
8.000
0.100
0.100
64.900
66.200
57.000
58.900
10.000
0.100
0.100
63.000
64.300
55.100
57.000
16.000
0.100
0.100
58.900
60.200
51.000
52.900
20.000
0.100
0.100
57.000
58.300
49.100
51.000
25.000
0.100
0.100
55.000
56.300
47.100
49.000
31.250
0.110
0.100
53.100
54.400
45.200
47.100
62.500
0.160
0.120
47.100
48.400
39.200
41.100
100.000
0.200
0.160
43.000
44.300
35.100
37.000
160.000
0.210
40.200
32.900
Mated Connection Table - Footnote:
* TIA/EIA-568-B.2-2001 Category 5E Standard.
** Worst-case performance for a CAT5E mated connection using CAT5E
modular plugs.
Mated Connection Table 2:
Frequency
(MHz)
Min.
Return Loss
TIA* (dB)
Min.
Return Loss
Belden** (dB)
1.000
30.000
32.000
4.000
30.000
32.000
8.000
30.000
32.000
10.000
30.000
32.000
16.000
30.000
32.000
20.000
30.000
32.000
25.000
30.000
32.000
31.250
30.000
32.000
62.500
24.100
28.100
100.000
20.000
24.000
160.000
19.900
Dielectric Strength:
1,000 V RMS @ 60 Hz for 1 minute
Current Rating:
1.500 A
Insulation Resistance:
500 M-Ohm Minimum
Max. Contact Resistance:
20 m-Ohm
Termination Resistance:
2.5 m-Ohm
Notes (Overall)
Notes: Please See Installation Guide PX102753
Page 2 of 3
12-30-2012
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
AX100653 Modular Connectors - CAT5E EZ-MDVO Modular Jack - MDVO style



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com