Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX100646 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX100646
Description  CAT5E EZ-MDVO Modular Jack, RJ45, MDVO-style, Blue
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX100646 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX100646 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX100646 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX100646 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
CAT5E EZ-MDVO Modular Jack, RJ45, MDVO-style, Blue (TIA 606)
Usage (Overall)
Suitable Applications:
IBDN System 1200, TIA Category 5e, ISO Class D, 1000BASE-T
Related Parts:
Compatible with Interface and MDVO Style Faceplates, Adapters, Boxes and
Patch Panels,
Physical Characteristics (Connectivity)
Dimensions
Dimensions:
Height (mm) Width (mm) Depth (mm)
18.034
19.050
31.750
Materials
Materials:
Description
Type
Material
Front Connection Lead Frame Copper Allow with 50u inch Gold over Nickel
Rear Connection IDC
Copper Allow with Nickel Plating
Connector Body
Plastic - UL940V-0
Color
Color:
Blue (TIA 606)
Wiring Scheme
Wiring Scheme:
T568A/B
Weight
Weight:
0.006 kg
Included Parts
Included Parts:
Center Stuffercap Coded A/B
Packaging
Packaging:
Individually packaged in a plastic bag. Standard pack of 50 units.
Mechanical Characteristics (Connectivity)
Footprint/Type:
MDVO-Style
Plug / Jack Compatibility:
RJ45, RJ11
Termination Interface:
Termination Connection
Durabilities
Front
Mated Connection
1,000 cycles
Rear
Gas Tight IDC Connection 10 terminations
Connector/Hardware Retention:
88.964 N
Plug/Connector Retention:
50.042 N
Storage Temperature Range:
-40°C To +70°C
Installation Temperature Range:
-10°C To +60°C
Operating Temperature Range:
-10°C To +60°C
Page 1 of 3
12-30-2012
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
AX100653 Modular Connectors - CAT5E EZ-MDVO Modular Jack - MDVO style


Similar Part No. - AX100646

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
AX100646 BELDEN-AX100646 Datasheet
268Kb / 3P
EZ-MDVO Modular Jack
05-10-2023
More results

Similar Description - AX100646

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AX101045 ETC2-AX101045 Datasheet
110Kb / 4P
Modular Connectors - CAT5E Modular Jack - MDVO style
AX101046 ETC2-AX101046 Datasheet
110Kb / 4P
Modular Connectors - CAT5E Modular Jack - MDVO style
AX101047 ETC2-AX101047 Datasheet
110Kb / 4P
Modular Connectors - CAT5E Modular Jack - MDVO style
AX101071 ETC2-AX101071 Datasheet
109Kb / 3P
Modular Connectors - CAT6 Modular Jack - MDVO style
AX101309 ETC2-AX101309 Datasheet
110Kb / 4P
Modular Connectors - CAT5E Modular Jack - KeyConnect
AX101311 ETC2-AX101311 Datasheet
110Kb / 4P
Modular Connectors - CAT5E Modular Jack - KeyConnect
AX101313 ETC2-AX101313 Datasheet
110Kb / 4P
Modular Connectors - CAT5E Modular Jack - KeyConnect
AX101315 ETC2-AX101315 Datasheet
108Kb / 3P
Modular Connectors - CAT5E Modular Jack - KeyConnect
AX101316 ETC2-AX101316 Datasheet
108Kb / 3P
Modular Connectors - CAT5E Modular Jack - KeyConnect
AX101750 ETC2-AX101750 Datasheet
100Kb / 3P
Faceplates and Panels - MediaFlex MDVO Style Insert 2-port, Flush
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com