Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3853 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3853
Description  3A Fast Response Ultra Low Dropout Linear Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3853 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3853 Datasheet HTML 1Page - National Semiconductor (TI) LP3853 Datasheet HTML 2Page - National Semiconductor (TI) LP3853 Datasheet HTML 3Page - National Semiconductor (TI) LP3853 Datasheet HTML 4Page - National Semiconductor (TI) LP3853 Datasheet HTML 5Page - National Semiconductor (TI) LP3853 Datasheet HTML 6Page - National Semiconductor (TI) LP3853 Datasheet HTML 7Page - National Semiconductor (TI) LP3853 Datasheet HTML 8Page - National Semiconductor (TI) LP3853 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LP3853/LP3856
3A Fast Response Ultra Low Dropout Linear Regulators
General Description
The LP3853/LP3856 series of fast ultra low-dropout linear
regulators operate from a +2.5V to +7.0V input supply. Wide
range of preset output voltage options are available. These
ultra low dropout linear regulators respond very quickly to
step changes in load, which makes them suitable for low
voltage microprocessor applications. The LP3853/LP3856
are developed on a CMOS process which allows low quies-
cent current operation independent of output load current.
This CMOS process also allows the LP3853/LP3856 to op-
erate under extremely low dropout conditions.
Dropout Voltage: Ultra low dropout voltage; typically 39mV
at 300mA load current and 390mV at 3A load current.
Ground Pin Current: Typically 4mA at 3A load current.
Shutdown Mode: Typically 10nA quiescent current when
the shutdown pin is pulled low.
Error Flag: Error flag goes low when the output voltage
drops 10% below nominal value.
SENSE: Sense pin improves regulation at remote loads.
Precision Output Voltage: Multiple output voltage options
are available ranging from 1.8V to 5.0V with a guaranteed
accuracy of ±1.5% at room temperature, and ±3.0% over all
conditions (varying line, load, and temperature).
Features
n
Ultra low dropout voltage
n
Stable with selected ceramic capacitors
n
Low ground pin current
n
Load regulation of 0.08%
n
10nA quiescent current in shutdown mode
n
Guaranteed output current of 3A DC
n
Available in TO-263 and TO-220 packages
n
Output voltage accuracy ± 1.5%
n
Error flag indicates output status
n
Sense option improves load regulation
n
Overtemperature/overcurrent protection
n
−40˚C to +125˚C junction temperature range
Applications
n
Microprocessor power supplies
n
Stable with ceramic output capacitors
n
GTL, GTL+, BTL, and SSTL bus terminators
n
Power supplies for DSPs
n
SCSI terminator
n
Post regulators
n
High efficiency linear regulators
n
Battery chargers
n
Other battery powered applications
Typical Application Circuits
20030901
**SD and ERROR pins must be pulled high through a 10k
Ω pull-up resistor. Connect the ERROR pin to ground if this function is not used. See Application Hints
for more information.
March 2004
© 2004 National Semiconductor Corporation
DS200309
www.national.com


Similar Part No. - LP3853

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3853 TI2-LP3853 Datasheet
1Mb / 28P
LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
REVISED APRIL 2013
LP3853ES-1.8 TI1-LP3853ES-1.8 Datasheet
2Mb / 25P
LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
LP3853ES-1.8/NOPB TI1-LP3853ES-1.8/NOPB Datasheet
2Mb / 25P
LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
LP3853ES-1.8/NOPB TI2-LP3853ES-1.8/NOPB Datasheet
1Mb / 28P
LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
REVISED APRIL 2013
LP3853ES-1.8/NOPB.A TI2-LP3853ES-1.8/NOPB.A Datasheet
1Mb / 28P
LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
REVISED APRIL 2013
More results

Similar Description - LP3853

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3883 NSC-LP3883 Datasheet
367Kb / 12P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3873 NSC-LP3873 Datasheet
365Kb / 16P
3A Fast Ultra Low Dropout Linear Regulators
LP3893 NSC-LP3893 Datasheet
342Kb / 12P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3856-ADJ NSC-LP3856-ADJ Datasheet
745Kb / 15P
3A Fast Response Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_06 Datasheet
769Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3853ET-33 TI1-LP3853ET-33 Datasheet
2Mb / 25P
LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
LP3856-ADJ TI-LP3856-ADJ_15 Datasheet
1Mb / 22P
3A Fast Response Ultra Low Dropout Linear Regulators
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
3A Fast Ultra Low Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
3A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com