Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCM-1630 Datasheet(PDF) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-1630
Description  MODULE FOR STEPPER MOTORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-1630 Datasheet(HTML) 11 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-1630 Datasheet HTML 7Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 8Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 9Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
TMCM-1630 Hardware Manual (Rev. 1.03 / 2012-JUL-03)
11
www.trinamic.com
5.2.2 Inputs
The TMCM-1630 offers two analogue and two digital inputs.
Pin
Label
analogue/digital
Description
2
Velocity
analogue
Used for velocity control in stand alone operation by
supplying external 0 – 10V signal
3
Torque
analogue
Used for max. motor current / torque control in stand alone
operation by supplying external 0 – 10V signal
5
Dir_IN
digital
Direction input (+5V TTL compatible). Tie to GND to inverse motor
direction, leave open or tie to +5V otherwise.
7
Stop_IN
digital
Emergency stop. Tie this pin to GND to stop the motor. The motor
can be restarted via the interface, or by cycling the power supply
GND
+3.3V
GND
+3.3V
GND
+3.3V
GND
+3.3V
GND
GND
10k/1%
39k
39k
GND
GND
GND
GND
Header
10k/1%
Velocity
Torque
DIR_IN
STOP_IN
Figure 5.3: Internal circuit of analogue and digital inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com