Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMCM-1630 Datasheet(PDF) 15 Page - TRINAMIC Motion Control GmbH & Co. KG.

Part # TMCM-1630
Description  MODULE FOR STEPPER MOTORS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRINAMIC [TRINAMIC Motion Control GmbH & Co. KG.]
Direct Link  http://www.trinamic.com
Logo TRINAMIC - TRINAMIC Motion Control GmbH & Co. KG.

TMCM-1630 Datasheet(HTML) 15 Page - TRINAMIC Motion Control GmbH & Co. KG.

Back Button TMCM-1630 Datasheet HTML 10Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 11Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 12Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 13Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 14Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 15Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 16Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 17Page - TRINAMIC Motion Control GmbH & Co. KG. TMCM-1630 Datasheet HTML 18Page - TRINAMIC Motion Control GmbH & Co. KG.  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
TMCM-1630 Hardware Manual (Rev. 1.03 / 2012-JUL-03)
15
www.trinamic.com
7 Operational ratings
The operational ratings show the intended/the characteristic range for the values and should be used as
design values. An operation within the limiting values is possible, but shall not be used for extended
periods, because the unit life time may be shortened. In no case shall the limiting values be exceeded.
Symbol
Parameter
Min
Typ
Max
Unit
V
S
Power supply voltage for operation
12
24, 48
55
V
I
S
Power supply current
0.04
I
MOT
A
P
ID
Module idle power consumption
1.2
W
V
5
5 Volt (+-8%) output external load (hall sensors plus
other load)
100
mA
I
MC
Continuous Motor current at V
MF
0 – 8
10
A
I
MP
Short time Motor current in acceleration periods
0 – 10
A
V
I
Logic input voltage on digital / hall sensor inputs
-0.3
V
CC+
0.3
V
I
O
Sink current on digital outputs (open-drain outputs)
1
A
V
IA
Analog input voltage
-24
0 – 10
24
V
f
CHOP
Chopper frequency
20
kHz
E
x
Exactness of voltage and current measurement
-8
+8
%
T
SL
Motor output slope (U, V, W)
100
ns
T
O
Environment temperature operating
-25
+70
°C
T
OF
Environment temperature for operation at full specified
current (air flow might required, depending upon motor
/ voltage)
-25
+60
°C
T
board
Temperature of the module, as measured by the
integrated sensor.
<100
125
°C
Table 7.1: Operational ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com