Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2996LQX Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2996LQX
Description  DDR Termination Regulator
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2996LQX Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LP2996LQX Datasheet HTML 2Page - National Semiconductor (TI) LP2996LQX Datasheet HTML 3Page - National Semiconductor (TI) LP2996LQX Datasheet HTML 4Page - National Semiconductor (TI) LP2996LQX Datasheet HTML 5Page - National Semiconductor (TI) LP2996LQX Datasheet HTML 6Page - National Semiconductor (TI) LP2996LQX Datasheet HTML 7Page - National Semiconductor (TI) LP2996LQX Datasheet HTML 8Page - National Semiconductor (TI) LP2996LQX Datasheet HTML 9Page - National Semiconductor (TI) LP2996LQX Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
www.national.com/jpn/
代表的な性能特性 ( つづき)
VTT vs VDDQ
Iq vs AVIN in SD Temperature
Iq vs AVIN Temperature
Maximum Sourcing Current vs AVIN
(VDDQ = 2.5V, PVIN = 1.8V)
Maximum Sourcing Current vs AVIN
(VDDQ = 2.5V, PVIN = 2.5V)
Maximum Sourcing Current vs AVIN
(VDDQ = 2.5V, PVIN = 3.3V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com