Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7101 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MAC7101
Description  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7101 Datasheet(HTML) 1 Page - Motorola, Inc

  MAC7101 Datasheet HTML 1Page - Motorola, Inc MAC7101 Datasheet HTML 2Page - Motorola, Inc MAC7101 Datasheet HTML 3Page - Motorola, Inc MAC7101 Datasheet HTML 4Page - Motorola, Inc MAC7101 Datasheet HTML 5Page - Motorola, Inc MAC7101 Datasheet HTML 6Page - Motorola, Inc MAC7101 Datasheet HTML 7Page - Motorola, Inc MAC7101 Datasheet HTML 8Page - Motorola, Inc MAC7101 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
This document provides electrical specifications, pin assignments, and package diagrams for
MAC7100 family of microcontroller devices. For functional characteristics of the family,
refer to the MAC7100 Microcontroller Family Reference Manual (MAC7100RM/D).
This document contains the following topics:
Topic
Page
Section 1, “Overview”
1
Section 2, “Ordering Information”
2
Section 3, “Electrical Characteristics”
3
Section 4, “Device Pin Assignments”
36
Section 5, “Mechanical Information”
41
1Overview
The MAC7100 Family of microcontrollers (MCUs) are members of a pin-compatible family
of 32-bit Flash-memory-based devices developed specifically for embedded automotive
applications. The pin-compatible family concept enables users to select between different
memory and peripheral options for scalable designs. All MAC7100 Family members are
composed of a 32-bit central processing unit (ARM7TDMI-S), up to 512Kbytes of embedded
Flash EEPROM for program storage, up to 32Kbytes of embedded Flash for data and/or
program storage, and up to 32Kbytes of RAM. The family is implemented with an enhanced
DMA (eDMA) controller to improve performance for transfers between memory and many of
the on-chip peripherals. The peripheral set includes asynchronous serial communications
interfaces (eSCI), serial peripheral interfaces (DSPI), inter-integrated circuit (I2C) bus
controllers, FlexCAN interfaces, an enhanced modular I/O subsystem (eMIOS), 10-bit
analog-to-digital converter (ATD) channels, general-purpose timers (PIT) and two
special-purpose timers (RTI and SWT). The peripherals share a large number of general
purpose input-output (GPIO) pins, all of which are bidirectional and available with interrupt
capability to trigger wake-up from low-power chip modes.
The inclusion of a PLL circuit allows power consumption and performance to be adjusted to
suit operational requirements. The operating frequency of devices in the family is up to a
maximum of 50 MHz. The internal data paths between the CPU core, eDMA, memory and
peripherals are all 32 bits wide, further improving performance for 32-bit applications. The
Advance Information
MAC7100EC/D
Rev. 0.1, 10/2003
MAC7100 Microcontroller
Family Hardware
Specifications
32-bit Embedded
Controller Division
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MAC7101

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MAC7101 FREESCALE-MAC7101 Datasheet
1Mb / 56P
Microcontroller Family Hardware Specifications
MAC7101 FREESCALE-MAC7101 Datasheet
112Kb / 710P
Microcontroller Family Reference Manual
MAC7101 FREESCALE-MAC7101 Datasheet
112Kb / 16P
Microcontroller Family Reference Manual
MAC7101CAF50 FREESCALE-MAC7101CAF50 Datasheet
1Mb / 56P
Microcontroller Family Hardware Specifications
MAC7101CAG50 FREESCALE-MAC7101CAG50 Datasheet
1Mb / 56P
Microcontroller Family Hardware Specifications
More results

Similar Description - MAC7101

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
Family Hardware Specifications
MPC860EC MOTOROLA-MPC860EC Datasheet
857Kb / 76P
Family Hardware Specifications
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
PowerQUICC II Family Hardware Specifications
logo
Freescale Semiconductor...
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
Microcontroller Family Hardware Specification
MAC7100 FREESCALE-MAC7100 Datasheet
1Mb / 56P
Microcontroller Family Hardware Specifications
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
PowerQUICC??Family Hardware Specifications
MPC860 FREESCALE-MPC860_07 Datasheet
1Mb / 80P
PowerQUICC??Family Hardware Specifications
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
PowerQUICC II Family Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com