Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMB2S-E3/45 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RMB2S-E3/45
Description  Surface Mount Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RMB2S-E3/45 Datasheet(HTML) 1 Page - Vishay Siliconix

  RMB2S-E3/45 Datasheet HTML 1Page - Vishay Siliconix RMB2S-E3/45 Datasheet HTML 2Page - Vishay Siliconix RMB2S-E3/45 Datasheet HTML 3Page - Vishay Siliconix RMB2S-E3/45 Datasheet HTML 4Page - Vishay Siliconix RMB2S-E3/45 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RMB2S, RMB4S
www.vishay.com
Vishay General Semiconductor
Revision: 19-Aug-13
1
Document Number: 88705
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Miniature Glass Passivated Fast Recovery
Surface Mount Bridge Rectifier
FEATURES
• UL recognition, file number E54214
• Saves space on printed circuit boards
• Ideal for automated placement
• Fast recovery, low switching loss
• High surge current capability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for power supply, lighting ballaster, battery charger, home
appliances, office equipment, and telecommunication
applications.
MECHANICAL DATA
Case: TO-269AA (MBS)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked on body
Notes
(1) On glass epoxy PCB mounted on 0.05" x 0.05" (1.3 mm x 1.3 mm) pads
(2) On aluminum substrate PCB with an area of 0.8" x 0.8" (20 mm x 20 mm) mounted on 0.05" x 0.05" (1.3 mm x 1.3 mm) solder pad
PRIMARY CHARACTERISTICS
IF(AV)
0.5 A
VRRM
200 V, 400 V
IFSM
30 A
trr
150 ns
VF at IF = 0.4 A
1.25 V
TJ max.
150 °C
Package
TO-269AA (MBS)
Diode variations
Quad
~
~
TO-269AA (MBS)
~
~
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
RMB2S
RMB4S
UNIT
Device marking code
2R
4R
Maximum repetitive peak reverse voltage
VRRM
200
400
V
Maximum RMS voltage
VRMS
140
280
V
Maximum DC blocking voltage
VDC
200
400
V
Maximum average forward output
rectified current at TA = 30 °C
on glass-epoxy PCB (1)
IF(AV)
0.5
A
on aluminum substrate (2)
0.8
Peak forward surge current 8.3 ms single half sine-wave
superimposed on rated load
IFSM
30
A
Rating for fusing (t < 8.3 ms)
I2t5.0
A2s
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C


Similar Part No. - RMB2S-E3/45

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
RMB2S GE-RMB2S Datasheet
42Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT FAST RECOVERY BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
RMB2S TSC-RMB2S Datasheet
174Kb / 2P
0.8Amps Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifiers
logo
GOOD-ARK Electronics
RMB2S GOOD-ARK-RMB2S Datasheet
140Kb / 2P
Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifiers Reverse Voltage 200 to 400 Volts Forward Current 0.5 Ampere
logo
Vishay Siliconix
RMB2S VISHAY-RMB2S Datasheet
230Kb / 4P
Miniature Glass Passivated Fast Recovery Surface Mount Bridge Rectifier
01-Feb-08
logo
Silicon Standard Corp.
RMB2S SSC-RMB2S Datasheet
190Kb / 3P
Surface Mount Bridge Rectifiers
More results

Similar Description - RMB2S-E3/45

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
U01501BRM PANJIT-U01501BRM Datasheet
145Kb / 3P
SURFACE MOUNT BRIDGE RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
B1S YENYO-B1S Datasheet
525Kb / 2P
Surface Mount Bridge Rectifier
logo
MAKO SEMICONDUCTOR CO.,...
MB2F MAKOSEMI-MB2F Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
MB05 MAKOSEMI-MB05 Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
MB8F MAKOSEMI-MB8F Datasheet
165Kb / 2P
Surface Mount Bridge Rectifier
logo
Rugao Dachang Electroni...
ABS2 DACHANG-ABS2_15 Datasheet
135Kb / 2P
Surface Mount Bridge-Rectifier
DB101S DACHANG-DB101S_15 Datasheet
126Kb / 2P
Surface Mount Bridge-Rectifier
DB151S DACHANG-DB151S_15 Datasheet
126Kb / 2P
Surface Mount Bridge-Rectifier
logo
GUANGDONG HOTTECH INDUS...
DB101S HOTTECH-DB101S Datasheet
160Kb / 2P
Surface Mount Bridge Rectifier
logo
Shanghai Leiditech Elec...
MB105F-S LEIDITECH-MB105F-S Datasheet
729Kb / 3P
Surface mount bridge rectifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com