Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMB2S-E3/45 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # RMB2S-E3/45
Description  Surface Mount Bridge Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RMB2S-E3/45 Datasheet(HTML) 3 Page - Vishay Siliconix

  RMB2S-E3/45 Datasheet HTML 1Page - Vishay Siliconix RMB2S-E3/45 Datasheet HTML 2Page - Vishay Siliconix RMB2S-E3/45 Datasheet HTML 3Page - Vishay Siliconix RMB2S-E3/45 Datasheet HTML 4Page - Vishay Siliconix RMB2S-E3/45 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
RMB2S, RMB4S
www.vishay.com
Vishay General Semiconductor
Revision: 19-Aug-13
3
Document Number: 88705
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Leakage Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance Per Diode
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0.3
0.5
0.7
0.9
1.1
1.3
1.5
0.01
0.1
1
10
Instantaneous Forward Voltage (V)
Pulse Width = 300 µs
1 % Duty Cycle
T
J = 150 °C
T
J = 25 °C
0
20
40
60
80
100
0.01
0.1
10
100
T
J = 125 °C
T
J = 25 °C
Percent of Rated Peak Reverse Voltage (%)
1
0.1
1
10
100
0
5
10
15
20
25
30
1000
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mV
p-p
0.029 (0.74)
0.017 (0.43)
0 to 8°
0.049 (1.24)
0.039 (0.99)
0.062 (1.57)
0.058 (1.47)
0.016 (0.41)
0.006 (0.15)
0.018 (0.46)
0.014 (0.36)
0.008 (0.20)
0.004 (0.10)
0.114 (2.90)
0.110 (2.80)
0.058 (1.47)
0.054 (1.37)
0.252 (6.40)
0.272 (6.90)
0.106 (2.70)
0.090 (2.30)
0.0075 (0.19)
0.0065 (0.16)
0.105 (2.67)
0.095 (2.41)
0.195 (4.95)
0.179 (4.55)
0.144 (3.65)
0.161 (4.10)
0.205 (5.21)
0.195 (4.95)
0.114 (2.90)
0.094 (2.40)
0.038 (0.96)
0.019 (0.48)
0.272 MAX.
(6.91 MAX.)
0.030 MIN.
(0.76 MIN.)
0.023 MIN.
(0.58 MIN.)
0.105 (2.67)
0.095 (2.41)
TO-269AA (MBS)
Mounting Pad Layout



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com