Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7409B Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE7409B
Description  P-Channel 30-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7409B Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE7409B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7409B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7409B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7409B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7409B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7409B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ACE7409B
P-Channel 30-V (D-S) MOSFET
VER 1.1
2
Electrical Characteristics @TA=25℃ unless otherwise noted
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown
Voltage
V(BR)DSS
VGS=0V, ID=-250uA
-30
V
Zero Gate Voltage Drain
Current
IDSS
VDS=-30V, VGS=0V
-1
uA
Gate Threshold Voltage
V
GS(TH)
V
GS = VDS, IDS = -250μ A
-1
-1.3
-3
V
Gate Leakage Current
I
GSS
VGS =±20V,VDS = 0V
±100
nA
Drain-Source On-state
Resistance
RDS(ON)
VGS=-10V,ID=-15A
11
14
m
Ω
VGS=-4.5V,ID=-10A
13
20
Forward Transconductance
gFS
VDS=-5V,ID=-8A
20
S
Diode Forward Voltage
VSD
IS=-2.1A ,VGS=0V
-0.8
-1.3
V
Switching
Total Gate Charge
Qg
VGS=-10V,VDS=-15V
ID=-11A
68.12
nC
Gate-Source Charge
Qgs
8
Gate-Drain Charge
Qgd
10.12
Turn-On Delay Time
td(on)
VGEN=-10V,VDS=-15V
RL=15Ω, RGEN=6Ω,
ID=-1A
20.4
ns
Turn-On Rise Time
tf
8.96
Turn-Off Delay Time
td(off)
131.8
Turn-Off Fall Time
tf
47.2
Dynamic
Input Capacitance
Ciss
VGS=0V ,VDS=8V
f=1MHz
3204.2
pF
Output Capacitance
Coss
492
Reverse Transfer Capacitance
Crss
415
Note:
A.
The maximum current rating is package limited.
B.
The power dissipation PD is based on TJ(MAX)=150°C, using junction-to-case thermal resistance, and is more useful
in setting the upper dissipation limit for cases where additional heatsinking is used.
C.
Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C. Ratings are based on low frequency
and duty cycles to keep initial TJ =25°C.
D.
The static characteristics in Figures 1 to 6 are obtained using <300ms pulses, duty cycle 0.5% max.
E.
These curves are based on the junction-to-case thermal impedence which is measured with the device mounted to a
large heatsink, assuming a maximum junction temperature of TJ(MAX)=150°C. The SOA curve provides a single
pulse rating.
F.
The maximum current rating is package limited.
G.
These tests are performed with the device mounted on 1in² FR-4 board with 2oz. Copper, in a still air environment with
TA=25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com