Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE7409B Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE7409B
Description  P-Channel 30-V (D-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7409B Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE7409B Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7409B Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7409B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7409B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7409B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7409B Datasheet HTML 6Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ACE7409B
P-Channel 30-V (D-S) MOSFET
VER 1.1
1
Description
The ACE7409B uses advanced trench technology to provide excellent RDS(ON), low gate charge. This
device is suitable for use as a high side switch in SMPS and general purpose applications.
Features
Packaging Type
 V
DS
(V) = -30 V
 I
D =-30A (at VGS=-10V)
 < 1
4mΩ (V
GS=-10V)
< 20mΩ (V
GS=-4.5V)
Ordering information
ACE7333M XX + H
Absolute Maximum Ratings @TA=25℃ unless otherwise noted
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Drain Current (Continuous)
a
TA=25
OC
ID
30
A
TA=70
OC
22
Drain Current (Pulse)
c
IDM
82
Power Dissipation
b
TA=25
OC
PD
25
W
TA=70
OC
16
Operating Temperature/ Storage Temperature
TJ,TSTG
-55 to 150
OC
NN : DFN3*3-8L
Pb - free
Halogen - free


Similar Part No. - ACE7409B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7400 ACE-ACE7400 Datasheet
236Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE7400 ACE-ACE7400 Datasheet
435Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
ACE7400CM+H ACE-ACE7400CM+H Datasheet
236Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.2
ACE7400CM+H ACE-ACE7400CM+H Datasheet
435Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
ACE7400 ACE-ACE7400_12 Datasheet
435Kb / 7P
N-Channel Enhancement Mode MOSFET
VER 1.3
More results

Similar Description - ACE7409B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
SI6435ADQ VISHAY-SI6435ADQ_08 Datasheet
94Kb / 5P
P-Channel 30-V (D-S) MOSFET
31-Mar-08
SI2303CDS VISHAY-SI2303CDS Datasheet
130Kb / 7P
P-Channel 30-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM3933P ANALOGPOWER-AM3933P Datasheet
121Kb / 3P
P-Channel 30-V (D-S) MOSFET
AM7333PE ANALOGPOWER-AM7333PE Datasheet
347Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM4953P ANALOGPOWER-AM4953P Datasheet
366Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM90P03-02P ANALOGPOWER-AM90P03-02P Datasheet
60Kb / 2P
P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY VISHAY-SI4435DDY Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
P-Channel 30-V (D-S) MOSFET
23-Jun-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com