Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACE4940M Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE4940M
Description  Dual N-Channel 40-V MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4940M Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE4940M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE4940M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE4940M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE4940M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE4940M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE4940M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE4940M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ACE4940M
Dual N-Channel 40-V MOSFET
VER 1.2
1
Description
The ACE4940M uses advanced trench technology to provide excellent RDS(ON) and low gate charge. This
device is suitable for use as a load switch or in PWM applications. The source leads are separated to
allow a Kelvin connection to the source, which may be used to bypass the source inductance.
Features
• Low r
DS(on) trench technology
• Low thermal impedance
• Fast switching speed
Applications
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
Absolute Maximum Ratings
Parameter
Symbol
Limit
Units
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
±20
V
Continuous
Drain Current
a
TA=25℃
ID
8.3
A
TA=70℃
6.8
Pulsed Drain Current
b
IDM
50
A
Continuous Source Current (Diode Conduction)
a
IS
3
A
Power Dissipation
a
TA=25℃
PD
2.1
W
TA=70℃
1.3
Operating temperature / storage temperature
TJ/TSTG -55~150
℃
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
a
t <= 10 sec
RθJA
62.5
°C/W
Steady State
110
Notes
a. Surface Mounted on 1” x 1” FR4 Board.
b. Pulse width limited by maximum junction temperature


Similar Part No. - ACE4940M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE4908A ACE-ACE4908A Datasheet
434Kb / 7P
Dual P-Channel Enhancement Mode MOSFET
VER 1.1
ACE4922 ACE-ACE4922 Datasheet
644Kb / 7P
Dual N-Channel Enhancement Mode MOSFET
VER 1.3
ACE4922B ACE-ACE4922B Datasheet
837Kb / 6P
Dual N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
ACE4922BEM ACE-ACE4922BEM Datasheet
837Kb / 6P
Dual N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
ACE4953B ACE-ACE4953B Datasheet
974Kb / 6P
Dual P-Channel Enhancement Mode Field Effect Transistor
VER 1.2
More results

Similar Description - ACE4940M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4904DY VISHAY-SI4904DY Datasheet
243Kb / 10P
Dual N-Channel 40-V MOSFET
06-Apr-09
SI7938DP VISHAY-SI7938DP Datasheet
513Kb / 13P
Dual N-Channel 40-V (D-S) MOSFET
28-Sep-09
logo
Analog Power
AM7640N ANALOGPOWER-AM7640N Datasheet
77Kb / 3P
Dual N-Channel 40-V (D-S) MOSFET
AM4940N ANALOGPOWER-AM4940N Datasheet
120Kb / 5P
Dual N-Channel 40-V (D-S) MOSFET
AM4942N ANALOGPOWER-AM4942N Datasheet
180Kb / 3P
Dual N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI4906DY-T1-E3 VISHAY-SI4906DY-T1-E3 Datasheet
267Kb / 10P
Dual N-Channel 40-V (D-S) MOSFET
16-Nov-09
logo
Vishay Telefunken
SI4904DY TFUNK-SI4904DY Datasheet
245Kb / 10P
Dual N-Channel 40-V MOSFET
logo
VBsemi Electronics Co.,...
SSG4940N VBSEMI-SSG4940N Datasheet
1,006Kb / 9P
Dual N-Channel 40-V (D-S) MOSFET
STM6920 VBSEMI-STM6920 Datasheet
1,006Kb / 9P
Dual N-Channel 40-V (D-S) MOSFET
logo
Vishay Siliconix
SI4904DY VISHAY-SI4904DY_V01 Datasheet
176Kb / 9P
Dual N-Channel 40-V MOSFET
06-Apr-09
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com