Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875EC Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part # MPC875EC
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875EC Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MPC875EC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC875EC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC875EC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC875EC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC875EC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC875EC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC875EC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC875EC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC875EC Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
50
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
CPM Electrical Characteristics
13.4 Timer AC Electrical Specifications
Table 20 provides the general-purpose timer timings as shown in Figure 46.
Figure 46. CPM General-Purpose Timers Timing Diagram
13.5 Serial Interface AC Electrical Specifications
Table 21 provides the serial interface (SI) timings as shown in Figure 47 to Figure 51.
Table 20. Timer Timing
Num
Characteristic
All
Frequencies
Unit
Min
Max
61
TIN/TGATE rise and fall time
10
—
ns
62
TIN/TGATE low time
1
—
clk
63
TIN/TGATE high time
2
—
clk
64
TIN/TGATE cycle time
3
—
clk
65
CLKO low to TOUT valid
3
25
ns
Table 21. SI Timing
Num
Characteristic
All Frequencies
Unit
Min
Max
70
L1RCLKB, L1TCLKB frequency (DSC = 0) 1, 2
—
SYNCCLK
/2.5
MHz
71
L1RCLKB, L1TCLKB width low (DSC = 0) 2
P + 10
—
ns
71a
L1RCLKB, L1TCLKB width high (DSC = 0) 3
P + 10
—
ns
72
L1TXDB, L1ST1 and L1ST2, L1RQ, L1CLKO rise/fall time
—
15.00
ns
73
L1RSYNCB, L1TSYNCB valid to L1CLKB edge (SYNC setup time)
20.00
—
ns
CLKO
TIN/TGATE
(Input)
TOUT
(Output)
64
65
61
62
63
61
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com