Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC875EC Datasheet(PDF) 51 Page - Freescale Semiconductor, Inc

Part # MPC875EC
Description  Hardware Specifications
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC875EC Datasheet(HTML) 51 Page - Freescale Semiconductor, Inc

Back Button MPC875EC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC875EC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC875EC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC875EC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC875EC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC875EC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC875EC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC875EC Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC875EC Datasheet HTML 55Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 84 page
background image
MPC875/MPC870 Hardware Specifications, Rev. 3.0
51
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Freescale Semiconductor
CPM Electrical Characteristics
74
L1CLKB edge to L1RSYNCB, L1TSYNCB, invalid (SYNC hold time)
35.00
—
ns
75
L1RSYNCB, L1TSYNCB rise/fall time
—
15.00
ns
76
L1RXDB valid to L1CLKB edge (L1RXDB setup time)
17.00
—
ns
77
L1CLKB edge to L1RXDB invalid (L1RXDB hold time)
13.00
—
ns
78
L1CLKB edge to L1ST1 and L1ST2 valid 4
10.00
45.00
ns
78A
L1SYNCB valid to L1ST1 and L1ST2 valid
10.00
45.00
ns
79
L1CLKB edge to L1ST1 and L1ST2 invalid
10.00
45.00
ns
80
L1CLKB edge to L1TXDB valid
10.00
55.00
ns
80A
L1TSYNCB valid to L1TXDB valid 4
10.00
55.00
ns
81
L1CLKB edge to L1TXDB high impedance
0.00
42.00
ns
82
L1RCLKB, L1TCLKB frequency (DSC =1)
—
16.00 or
SYNCCLK
/2
MHz
83
L1RCLKB, L1TCLKB width low (DSC =1)
P + 10
—
ns
83a
L1RCLKB, L1TCLKB width high (DSC = 1)3
P + 10
—
ns
84
L1CLKB edge to L1CLKOB valid (DSC = 1)
—
30.00
ns
85
L1RQB valid before falling edge of L1TSYNCB4
1.00
—
L1TCLK
86
L1GRB setup time2
42.00
—
ns
87
L1GRB hold time
42.00
—
ns
88
L1CLKB edge to L1SYNCB valid (FSD = 00) CNT = 0000, BYT = 0,
DSC = 0)
—0.00
ns
1 The ratio SyncCLK/L1RCLKB must be greater than 2.5/1.
2 These specs are valid for IDL mode only.
3 Where P = 1/CLKOUT. Thus for a 25-MHz CLKO1 rate, P = 40 ns.
4 These strobes and TxD on the first bit of the frame become valid after the L1CLKB edge or L1SYNCB, whichever
comes later.
Table 21. SI Timing (continued)
Num
Characteristic
All Frequencies
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com