Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XMPL Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # XMPL
Description  SMD Solid Conductive (multilayer-type)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

XMPL Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  XMPL Datasheet HTML 1Page - Illinois Capacitor, Inc. XMPL Datasheet HTML 2Page - Illinois Capacitor, Inc. XMPL Datasheet HTML 3Page - Illinois Capacitor, Inc. XMPL Datasheet HTML 4Page - Illinois Capacitor, Inc. XMPL Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
XMPL
+105°C Multi-layer Low
Profile Chip
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
ESR (mΩ)
100 kHz,
+20°C
Leakage
Current
(μA)
Maximum
RMS
Ripple
Current
(A)
100 kHz,
+105°C
Dimensions
LxHxT (mm)
6.8
16
685XMPL016MG19
14.6282
70
4.352
2
7.3x4.3x1.9
10
6.3
106XMPL6R3MG19
9.9472
40
2.52
1
7.3x4.3x1.9
10
10
106XMPL010MG19
9.9472
45
4
1
7.3x4.3x1.9
10
12
106XMPL012MG19
9.9472
55
4.8
1
7.3x4.3x1.9
10
16
106XMPL016MG19
9.9472
40
6.4
2
7.3x4.3x1.9
15
12
156XMPL012MG19
6.6315
45
7.2
1
7.3x4.3x1.9
15
16
156XMPL016MG19
6.6315
40
9.6
3
7.3x4.3x1.9
22
6.3
226XMPL6R3MG19
4.5214
35
5.544
1
7.3x4.3x1.9
22
10
226XMPL010MG19
4.5214
40
8.8
1.8
7.3x4.3x1.9
22
12
226XMPL012MG19
4.5214
30
10.56
1.8
7.3x4.3x1.9
22
16
226XMPL016MG19
4.5214
40
14.08
3
7.3x4.3x1.9
22
16
226XMPL016MG28
4.5214
40
14.08
3
7.3x4.3x2.8
33
6.3
336XMPL6R3MG19
3.0143
25
8.316
1.8
7.3x4.3x1.9
33
10
336XMPL010MG19
3.0143
40
13.2
2
7.3x4.3x1.9
33
12
336XMPL012MG28
3.0143
25
15.84
2
7.3x4.3x2.8
47
6.3
476XMPL6R3MG19
2.1164
25
11.844
1.8
7.3x4.3x1.9
47
10
476XMPL010MG19
2.1164
40
18.8
3
7.3x4.3x1.9
47
12
476XMPL012MG28
2.1164
20
22.56
2
7.3x4.3x2.8
68
4
686XMPL004MG19
1.4628
20
10.88
1.9
7.3x4.3x1.9
68
6.3
686XMPL6R3MG19
1.4628
15
17.136
2
7.3x4.3x1.9
68
10
686XMPL010MG28
1.4628
40
27.2
3
7.3x4.3x2.8
82
4
826XMPL004MG19
1.2131
9
13.12
3
7.3x4.3x1.9
100
2
107XMPL002MG19
0.9947
16
8
2
7.3x4.3x1.9
100
4
107XMPL004MG19
0.9947
9
16
3
7.3x4.3x1.9
100
6.3
107XMPL6R3MG19
0.9947
15
25.2
2.7
7.3x4.3x1.9
100
6.3
107XMPL6R3MG19H 0.9947
12
25.2
2.7
7.3x4.3x1.9
120
6.3
127XMPL6R3MG19
0.8289
15
30.24
2.7
7.3x4.3x1.9
120
6.3
127XMPL6R3MG19H 0.8289
12
30.24
2.7
7.3x4.3x1.9
120
6.3
127XMPL6R3MG19X 0.8289
9
30.24
2.7
7.3x4.3x1.9
150
2
157XMPL002MG19
0.6631
9
12
3
7.3x4.3x1.9
150
2.5
157XMPL2R5MG19
0.6631
9
15
3
7.3x4.3x1.9
150
2.5
157XMPL2R5MG28
0.6631
9
15
3
7.3x4.3x2.8
150
4
157XMPL004MG19
0.6631
12
24
3
7.3x4.3x1.9
150
4
157XMPL004MG19R 0.6631
7
24
3
7.3x4.3x1.9
150
4
157XMPL004MG19X 0.6631
9
24
3
7.3x4.3x1.9
150
6.3
157XMPL6R3MG19H 0.6631
12
37.8
3
7.3x4.3x1.9
150
6.3
157XMPL6R3MG19X 0.6631
9
37.8
3
7.3x4.3x1.9
150
6.3
157XMPL6R3MG28
0.6631
15
37.8
3
7.3x4.3x2.8
150
6.3
157XMPL6R3MG19
0.6631
15
37.8
3
7.3x4.3x1.9
150
6.3
157XMPL6R3MG28H 0.6631
12
37.8
3
7.3x4.3x2.8
150
6.3
157XMPL6R3MG28X 0.6631
9
37.8
3
7.3x4.3x2.8
180
2
187XMPL002MG19
0.5526
9
14.4
2.7
7.3x4.3x1.9
180
2.5
187XMPL2R5MG19
0.5526
9
18
3
7.3x4.3x1.9
180
2.5
187XMPL2R5MG28
0.5526
9
18
3
7.3x4.3x2.8
180
4
187XMPL004MG19H 0.5526
12
28.8
3
7.3x4.3x1.9
180
4
187XMPL004MG19R 0.5526
7
28.8
3
7.3x4.3x1.9
180
4
187XMPL004MG19X 0.5526
9
28.8
3
7.3x4.3x1.9
180
4
187XMPL004MG28H 0.5526
12
28.8
3
7.3x4.3x2.8
180
4
187XMPL004MG28R 0.5526
7
28.8
3
7.3x4.3x2.8
180
4
187XMPL004MG28X 0.5526
9
28.8
3
7.3x4.3x2.8
180
6.3
187XMPL6R3MG19
0.5526
15
45.36
2.7
7.3x4.3x1.9
220
2
227XMPL002MG19
0.4521
15
17.6
3
7.3x4.3x1.9
220
2.5
227XMPL2R5MG19X 0.4521
9
22
3
7.3x4.3x1.9
220
2.5
227XMPL2R5MG28H 0.4521
12
22
3
7.3x4.3x2.8
220
2.5
227XMPL2R5MG28R 0.4521
7
22
3
7.3x4.3x2.8
220
2.5
227XMPL2R5MG28X 0.4521
9
22
3
7.3x4.3x2.8
220
2.5
227XMPL2R5MG19H 0.4521
12
22
3
7.3x4.3x1.9
220
2.5
227XMPL2R5MG19R 0.4521
7
22
3
7.3x4.3x1.9



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com