Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XMPL Datasheet(PDF) 4 Page - Illinois Capacitor, Inc.

Part # XMPL
Description  SMD Solid Conductive (multilayer-type)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

XMPL Datasheet(HTML) 4 Page - Illinois Capacitor, Inc.

  XMPL Datasheet HTML 1Page - Illinois Capacitor, Inc. XMPL Datasheet HTML 2Page - Illinois Capacitor, Inc. XMPL Datasheet HTML 3Page - Illinois Capacitor, Inc. XMPL Datasheet HTML 4Page - Illinois Capacitor, Inc. XMPL Datasheet HTML 5Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
XMPL
+105°C Multi-layer Low
Profile Chip
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (Ω)
120 Hz,
+20°C
Maximum
ESR (mΩ)
100 kHz,
+20°C
Leakage
Current
(μA)
Maximum
RMS
Ripple
Current
(A)
100 kHz,
+105°C
Dimensions
LxHxT (mm)
220
4
227XMPL004MG28X 0.4521
9
35.2
3
7.3x4.3x2.8
220
4
227XMPL004MG19X 0.4521
9
35.2
3
7.3x4.3x1.9
220
4
227XMPL004MG28H 0.4521
12
35.2
3
7.3x4.3x2.8
220
4
227XMPL004MG28R 0.4521
7
35.2
3
7.3x4.3x2.8
220
4
227XMPL004MG19H 0.4521
12
35.2
3
7.3x4.3x1.9
220
4
227XMPL004MG19R 0.4521
7
35.2
3
7.3x4.3x1.9
220
6.3
227XMPL6R3MG19
0.4521
10
55.44
3
7.3x4.3x1.9
220
6.3
227XMPL6R3MG28
0.4521
10
55.44
3
7.3x4.3x2.8
270
2
277XMPL002MG19X 0.3684
9
21.6
3
7.3x4.3x1.9
270
2
0.3684
9
21.6
3
7.3x4.3x1.9
270
2
277XMPL002MG19H 0.3684
12
21.6
3
7.3x4.3x1.9
270
2
277XMPL002MG19R 0.3684
6
21.6
3
7.3x4.3x1.9
270
2.5
277XMPL2R5MG28X 0.3684
9
27
3
7.3x4.3x2.8
270
2.5
277XMPL2R5MG19X 0.3684
9
27
3
7.3x4.3x1.9
270
2.5
277XMPL2R5MG28H 0.3684
12
27
3
7.3x4.3x2.8
270
2.5
277XMPL2R5MG28R 0.3684
7
27
3
7.3x4.3x2.8
270
2.5
277XMPL2R5MG19H 0.3684
12
27
3
7.3x4.3x1.9
270
2.5
277XMPL2R5MG19R 0.3684
7
27
3
7.3x4.3x1.9
270
4
277XMPL004MG19H 0.3684
12
43.2
2.7
7.3x4.3x1.9
270
4
277XMPL004MG19R 0.3684
7
43.2
2.7
7.3x4.3x1.9
270
4
277XMPL004MG19X 0.3684
9
43.2
2.7
7.3x4.3x1.9
330
2
337XMPL002MG19R 0.3014
6
26.4
3
7.3x4.3x1.9
330
2
337XMPL002MG19X 0.3014
9
26.4
3
7.3x4.3x1.9
330
2
337XMPL002MG28H 0.3014
12
26.4
3
7.3x4.3x2.8
330
2
337XMPL002MG19H 0.3014
12
26.4
3
7.3x4.3x1.9
330
2
337XMPL002MG19A 0.3014
4.5
26.4
3
7.3x4.3x1.9
330
2
337XMPL002MG28X 0.3014
9
26.4
3
7.3x4.3x2.8
330
2
337XMPL002MG28A 0.3014
4.5
26.4
3
7.3x4.3x2.8
330
2
337XMPL002MG28R 0.3014
6
26.4
3
7.3x4.3x2.8
330
2.5
337XMPL2R5MG19R 0.3014
6
33
3
7.3x4.3x1.9
330
2.5
337XMPL2R5MG19H 0.3014
12
33
3
7.3x4.3x1.9
330
2.5
337XMPL2R5MG19A 0.3014
4.5
33
3
7.3x4.3x1.9
330
2.5
337XMPL2R5MG19X 0.3014
9
33
3
7.3x4.3x1.9
330
4
337XMPL004YG19R
0.3014
7
52.8
2.7
7.3x4.3x1.9
330
4
337XMPL004YG19H
0.3014
12
52.8
2.7
7.3x4.3x1.9
330
4
337XMPL004YG19X
0.3014
9
52.8
2.7
7.3x4.3x1.9
330
6.3
337XMPL6R3YG19
0.3014
10
83.2
3
7.3x4.3x1.9
330
6.3
337XMPL6R3YG28
0.3014
10
83.2
3
7.3x4.3x2.8
390
2
397XMPL002MG19X 0.2551
9
31.2
3
7.3x4.3x1.9
390
2
397XMPL002MG19A 0.2551
4.5
31.2
3
7.3x4.3x1.9
390
2
397XMPL002MG19R 0.2551
6
31.2
3
7.3x4.3x1.9
390
2.5
397XMPL2R5MG19X 0.2551
9
39
3
7.3x4.3x1.9
390
2.5
397XMPL2R5MG19R 0.2551
6
39
3
7.3x4.3x1.9
390
2.5
397XMPL2R5MG19H 0.2551
12
39
3
7.3x4.3x1.9
390
2.5
397XMPL2R5MG19A 0.2551
4.5
39
3
7.3x4.3x1.9
470
2
477XMPL002MG19A 0.2116
4.5
37.6
3
7.3x4.3x1.9
470
2
477XMPL002MG28R 0.2116
6
37.6
3
7.3x4.3x2.8
470
2
477XMPL002MG28A 0.2116
4.5
37.6
3
7.3x4.3x2.8
470
2
477XMPL002MG19X 0.2116
9
37.6
3
7.3x4.3x1.9
470
2
477XMPL002MG19R 0.2116
6
37.6
3
7.3x4.3x1.9
470
2
477XMPL002MG28X 0.2116
9
37.6
3
7.3x4.3x2.8
470
2.5
477XMPL2R5YG19H 0.2116
12
47
3
7.3x4.3x1.9
470
2.5
477XMPL2R5YG19A
0.2116
4.5
47
3
7.3x4.3x1.9
470
2.5
477XMPL2R5YG19R
0.2116
6
47
3
7.3x4.3x1.9
470
2.5
477XMPL2R5YG19X
0.2116
9
47
3
7.3x4.3x1.9
470
2.5
477XMPL2R5YG28A
0.2116
4.5
47
3
7.3x4.3x2.8
470
2.5
477XMPL2R5YG28H 0.2116
12
47
3
7.3x4.3x2.8
470
2.5
477XMPL2R5YG28R
0.2116
6
47
3
7.3x4.3x2.8



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com