Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B460R Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB9B460R
Description  32-Bit ARM짰 Cortex짰 - MF FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B460R Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB9B460R Datasheet HTML 35Page - Cypress Semiconductor MB9B460R Datasheet HTML 36Page - Cypress Semiconductor MB9B460R Datasheet HTML 37Page - Cypress Semiconductor MB9B460R Datasheet HTML 38Page - Cypress Semiconductor MB9B460R Datasheet HTML 39Page - Cypress Semiconductor MB9B460R Datasheet HTML 40Page - Cypress Semiconductor MB9B460R Datasheet HTML 41Page - Cypress Semiconductor MB9B460R Datasheet HTML 42Page - Cypress Semiconductor MB9B460R Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 166 page
background image
Document Number: 002-04868 Rev.*A
Page 39 of 166
MB9B460R Series
Pin
Function
Pin name
Function description
Pin No
LQFP
120
LQFP
100
LQFP
80
QFP
100
BGA
112
BGA
144
Multi-
function
Serial
5
SIN5_0
Multi-function serial interface ch.5 input pin
114
94
74
72
B5
C4
SIN5_1
113
-
-
-
-
B5
SIN5_2
20
15
-
93
G3
H2
SOT5_0
(SDA5_0)
Multi-function serial interface ch.5 output pin.
This pin operates as SOT5 when it is used in
a UART/CSIO/LIN (operation modes 0 to 3)
and as SDA5 when it is used in an I
2C
(operation mode 4).
115
95
75
73
B4
B4
SOT5_1
(SDA5_1)
112
-
-
-
-
C5
SOT5_2
(SDA5_2)
21
16
-
94
H2
H3
SCK5_0
(SCL5_0)
Multi-function serial interface ch.5 clock I/O
pin.
This pin operates as SCK5 when it is used in
a CSIO (operation modes 2) and as SCL5
when it is used in an I
2C (operation mode 4).
116
96
76
74
B3
B3
SCK5_1
(SCL5_1)
111
-
-
-
-
D5
SCK5_2
(SCL5_2)
22
17
-
95
H3
H4
Multi-
function
Serial
6
SIN6_0
Multi-function serial interface ch.6 input pin
7
7
7
85
E1
E1
SIN6_1
95
80
65
58
A10
B10
SOT6_0
(SDA6_0)
Multi-function serial interface ch.6 output pin.
This pin operates as SOT6 when it is used in
a UART/CSIO/LIN (operation modes 0 to 3)
and as SDA6 when it is used in an I
2C
(operation mode 4).
8
8
8
86
E2
E2
SOT6_1
(SDA6_1)
94
79
64
57
B10
A11
SCK6_0
(SCL6_0)
Multi-function serial interface ch.6 clock I/O
pin.
This pin operates as SCK6 when it is used in
a CSIO (operation modes 2) and as SCL6
when it is used in an I
2C (operation mode 4).
9
-
-
-
-
E3
SCK6_1
(SCL6_1)
93
78
63
56
B11
C10
SCS6_1
Multi-function serial interface ch.6 serial chip
select pin
92
77
62
55
A12
B13
Multi-
function
Serial
7
SIN7_0
Multi-function serial interface ch.7 input pin
101
86
-
64
C8
C8
SIN7_1
50
45
35
23
L9
L8
SOT7_0
(SDA7_0)
Multi-function serial interface ch.7 output pin.
This pin operates as SOT7 when it is used in
a UART/CSIO/LIN (operation modes 0 to 3)
and as SDA7 when it is used in an I
2C
(operation mode 4).
100
85
-
63
B8
D8
SOT7_1
(SDA7_1)
49
44
34
22
M9
M8
SCK7_0
(SCL7_0)
Multi-function serial interface ch.7 clock I/O
pin.
This pin operates as SCK7 when it is used in
a CSIO (operation modes 2) and as SCL7
when it is used in an I
2C (operation mode 4).
99
84
-
62
A8
A9
SCK7_1
(SCL7_1)
48
43
33
21
L8
K7
SCS7_1
Multi-function serial interface ch.7 serial chip
select pin
47
42
32
20
L7
L7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com