Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB9B460R Datasheet(PDF) 62 Page - Cypress Semiconductor

Part # MB9B460R
Description  32-Bit ARM짰 Cortex짰 - MF FM4 Microcontroller
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9B460R Datasheet(HTML) 62 Page - Cypress Semiconductor

Back Button MB9B460R Datasheet HTML 58Page - Cypress Semiconductor MB9B460R Datasheet HTML 59Page - Cypress Semiconductor MB9B460R Datasheet HTML 60Page - Cypress Semiconductor MB9B460R Datasheet HTML 61Page - Cypress Semiconductor MB9B460R Datasheet HTML 62Page - Cypress Semiconductor MB9B460R Datasheet HTML 63Page - Cypress Semiconductor MB9B460R Datasheet HTML 64Page - Cypress Semiconductor MB9B460R Datasheet HTML 65Page - Cypress Semiconductor MB9B460R Datasheet HTML 66Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 166 page
background image
Document Number: 002-04868 Rev.*A
Page 62 of 166
MB9B460R Series
Peripheral Address Map
Start address
End address
Bus
Peripherals
0x4000_0000
0x4000_0FFF
AHB
MainFlash I/F register
0x4000_1000
0x4000_FFFF
Reserved
0x4001_0000
0x4001_0FFF
APB0
Clock/Reset Control
0x4001_1000
0x4001_1FFF
Hardware Watchdog timer
0x4001_2000
0x4001_2FFF
Software Watchdog timer
0x4001_3000
0x4001_4FFF
Reserved
0x4001_5000
0x4001_5FFF
Dual-Timer
0x4001_6000
0x4001_FFFF
Reserved
0x4002_0000
0x4002_0FFF
APB1
Multi-function timer unit0
0x4002_1000
0x4002_1FFF
Multi-function timer unit1
0x4002_2000
0x4003_FFFF
Reserved
0x4002_4000
0x4002_4FFF
PPG
0x4002_5000
0x4002_5FFF
Base Timer
0x4002_6000
0x4002_6FFF
Quadrature Position/Revolution Counter
0x4002_7000
0x4002_7FFF
A/D Converter
0x4002_8000
0x4002_DFFF
Reserved
0x4002_E000
0x4002_EFFF
Internal CR trimming
0x4002_F000
0x4002_FFFF
Reserved
0x4003_0000
0x4003_0FFF
APB2
External Interrupt Controller
0x4003_1000
0x4003_1FFF
Interrupt Request Batch-Read Function
0x4003_2000
0x4003_4FFF
Reserved
0x4003_3000
0x4003_3FFF
D/A Converter
0x4003_4000
0x4003_4FFF
Reserved
0x4003_5000
0x4003_57FF
Low Voltage Detector
0x4003_5800
0x4003_5FFF
Deep standby mode Controller
0x4003_6000
0x4003_6FFF
Reserved
0x4003_7000
0x4003_7FFF
CAN prescaler
0x4003_8000
0x4003_8FFF
Multi-function serial Interface
0x4003_9000
0x4003_9FFF
CRC
0x4003_A000
0x4003_AFFF
Watch Counter
0x4003_B000
0x4003_BFFF
RTC/Port Ctrl
0x4003_C000
0x4003_C0FF
Low-speed CR Prescaler
0x4003_C100
0x4003_C7FF
Peripheral Clock Gating
0x4003_C800
0x4003_EFFF
Reserved
0x4003_F000
0x4003_FFFF
External Memory interface
0x4004_0000
0x4005_FFFF
AHB
Reserved
0x4006_0000
0x4006_0FFF
DMAC register
0x4006_1000
0x4006_1FFF
DSTC register
0x4006_2000
0x4006_2FFF
CAN ch.0
0x4006_3000
0x4006_3FFF
CAN ch.1
0x4006_4000
0x4006_DFFF
Reserved
0x4006_E000
0x4006_EFFF
SD-Card I/F
0x4006_F000
0x4006_FFFF
GPIO
0x4006_7000
0x41FF_FFFF
Reserved
0x200E_0000
0x200E_FFFF
WorkFlash I/F register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com