Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7101CVF Datasheet(PDF) 5 Page - Motorola, Inc

Part # MAC7101CVF
Description  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7101CVF Datasheet(HTML) 5 Page - Motorola, Inc

  MAC7101CVF Datasheet HTML 1Page - Motorola, Inc MAC7101CVF Datasheet HTML 2Page - Motorola, Inc MAC7101CVF Datasheet HTML 3Page - Motorola, Inc MAC7101CVF Datasheet HTML 4Page - Motorola, Inc MAC7101CVF Datasheet HTML 5Page - Motorola, Inc MAC7101CVF Datasheet HTML 6Page - Motorola, Inc MAC7101CVF Datasheet HTML 7Page - Motorola, Inc MAC7101CVF Datasheet HTML 8Page - Motorola, Inc MAC7101CVF Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
MOTOROLA
MAC7100 Microcontroller Family Hardware Specifications
5
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
ElectricalCharacteristics
3.4
Operating Conditions
Unless otherwise noted, the following conditions apply to all parametric data. Refer to the temperature
rating of the device (C, V, M) with respect to ambient temperature (TA) and junction temperature (TJ). For
power dissipation calculations refer to Section 3.5, “Power Dissipation and Thermal Characteristics.”
Table 5. ESD and Latch-Up Protection Characteristics
Num C
Rating
Symbol
Min
Max
Unit
B1
C Human Body Model (HBM)
VHBM
2000
—
V
B2
C Machine Model (MM)
VMM
200
—
V
B3
C Charge Device Model (CDM)
VCDM
500
—
V
B4
C Latch-up Current at TA = 125°C
positive
negative
ILAT
+100
–100
—
mA
B5
C Latch-up Current at TA = 27°C
positive
negative
ILAT
+200
–200
—mA
Table 6. MAC7100 Family Device Operating Conditions
Num
Rating
Symbol
Min
Typ
Max
Unit
C1
I/O, Regulator and Analog Supply Voltage
VDD5
4.5
5
5.5
V
C2
Digital Logic Supply Voltage 1
1 The device contains an internal voltage regulator to generate the logic and PLL supply from the I/O supply. The
absolute maximum ratings apply when this regulator is disabled and the device is powered from an external source.
VDD2.5
2.35
2.5
2.75
V
C3
PLL Supply Voltage 1
VDDPLL
2.35
2.5
2.75
V
C4
Voltage Difference VDDX to VDDA
∆VDDX
–0.1
0
0.1
V
C5
Voltage Difference VSSX to VSSA
∆VSSX
–0.1
0
0.1
V
C6
Oscillator Frequency
fosc
0.5
—
16
MHz
C7
Bus Frequency
fbus
0.5
—
50
MHz
C8a
MAC7100C Operating Junction Temperature Range
2
T
J
–40
—
110
°C
C8b
Operating Ambient Temperature Range 2
2 Please refer to Section 3.5, “Power Dissipation and Thermal Characteristics,” for more details about the relation
between ambient temperature TA and device junction temperature TJ.
T
A
–40
25
85
°C
C9a
MAC7100V Operating Junction Temperature Range
2
T
J
–40
—
130
°C
C9b
Operating Ambient Temperature Range 2
T
A
–4025105
°C
C10a MAC7100M Operating Junction Temperature Range
2
T
J
–40
—
150
°C
C10b
Operating Ambient Temperature Range 2
T
A
–4025125
°C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com