Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC7101CVF Datasheet(PDF) 30 Page - Motorola, Inc

Part # MAC7101CVF
Description  MAC7100 Microcontroller Family Hardware Specifications
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MAC7101CVF Datasheet(HTML) 30 Page - Motorola, Inc

Back Button MAC7101CVF Datasheet HTML 26Page - Motorola, Inc MAC7101CVF Datasheet HTML 27Page - Motorola, Inc MAC7101CVF Datasheet HTML 28Page - Motorola, Inc MAC7101CVF Datasheet HTML 29Page - Motorola, Inc MAC7101CVF Datasheet HTML 30Page - Motorola, Inc MAC7101CVF Datasheet HTML 31Page - Motorola, Inc MAC7101CVF Datasheet HTML 32Page - Motorola, Inc MAC7101CVF Datasheet HTML 33Page - Motorola, Inc MAC7101CVF Datasheet HTML 34Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 48 page
background image
30
MAC7100 Microcontroller Family Hardware Specifications
MOTOROLA
PRELIMINARY—SUBJECT TO CHANGE WITHOUT NOTICE
Electrical Characteristics
3.11 Serial Peripheral Interface Electrical
Specifications
3.11.1 Master Mode
Figure 11 and Figure 12 illustrate master mode timing. Timing values are shown in Table 33.
3.11.2 Slave Mode
Figure 13 and Figure 14 illustrate the slave mode timing. Timing values are shown in Table 34.
Table 33. SPI Master Mode Timing Characteristics 1
1 The numbers 7, 8 in the column labeled “Num” are missing. This has been done on purpose to be consistent
between the Master and the Slave timing shown in Table 34.
Conditions are shown in Table 6 unless otherwise noted, CLOAD = 200pF on all outputs
Num C
Rating
Symbol
Min
Typ
Max
Unit
W1a P Operating Frequency
fop
DC
—
1
/4fbus
W1b P SCK Period tsck = 1/fop
tsck
4
—
2048
tbus
W2 D Enable Lead Time
tlead
1
/2—
—
tsck
W3 D Enable Lag Time
tlag
1
/2—
—
tsck
W4 D Clock (SCK) High or Low Time
twsck
tbus − 30
—
1024 tbus
ns
W5 D Data Setup Time (Inputs)
tsu
25
—
—
ns
W6 D Data Hold Time (Inputs)
thi
0—
—
ns
W9 D Data Valid (after Enable Edge)
tv
——
25
ns
W10 D Data Hold Time (Outputs)
tho
0—
—
ns
W11 D Rise Time Inputs and Outputs
tr
——
25
ns
W12 D Fall Time Inputs and Outputs
tf
——
25
ns
Table 34. SPI Slave Mode Timing Characteristics
Conditions are shown in Table 6 unless otherwise noted, CLOAD = 200pF on all outputs
Num C
Rating
Symbol
Min
Typ
Max
Unit
X1a P Operating Frequency
fop
DC
—
1
/4fbus
X1b P SCK Period tsck = 1/fop
tsck
4
—
2048
tbus
X2
D Enable Lead Time
tlead
1—
—
tcyc
X3
D Enable Lag Time
tlag
1—
—
tcyc
X4
D Clock (SCK) High or Low Time
twsck
tcyc − 30
—
—
ns
X5
D Data Setup Time (Inputs)
tsu
25
—
—
ns
X6
D Data Hold Time (Inputs)
thi
25
—
—
ns
X7
D Slave Access Time
ta
——
1
tcyc
X8
D Slave SIN Disable Time
tdis
——
1
tcyc
X9
D Data Valid (after SCK Edge)
tv
——
25
ns
X10 D Data Hold Time (Outputs)
tho
0—
—
ns
X11 D Rise Time Inputs and Outputs
tr
——
25
ns
X12 D Fall Time Inputs and Outputs
tf
——
25
ns
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com