Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6J32BA Datasheet(PDF) 49 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 49 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 45Page - Cypress Semiconductor S6J32BA Datasheet HTML 46Page - Cypress Semiconductor S6J32BA Datasheet HTML 47Page - Cypress Semiconductor S6J32BA Datasheet HTML 48Page - Cypress Semiconductor S6J32BA Datasheet HTML 49Page - Cypress Semiconductor S6J32BA Datasheet HTML 50Page - Cypress Semiconductor S6J32BA Datasheet HTML 51Page - Cypress Semiconductor S6J32BA Datasheet HTML 52Page - Cypress Semiconductor S6J32BA Datasheet HTML 53Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 49 of 179
S6J3200 Series
Port Name
Description
Package Pin Number
Remark
TEQFP208
TEQFP216
AN44
ADC Analog 44 input pin
149
155
AN45
ADC Analog 45 input pin
150
156
AN46
ADC Analog 46 input pin
151
157
AN47
ADC Analog 47 input pin
152
158
AN48
ADC Analog 48 input pin
153
159
AN49
ADC Analog 49 input pin
154
160
TX0
CAN transmission data 0 output pin
100
104
TX1
CAN transmission data 1 output pin
102, 154
106, 160
TX5
CAN transmission data 5 output pin
162, 166
168, 174
TX6
CAN transmission data 6 output pin
168
170, 176
RX0
CAN reception data 0 input pin
99
103
RX1
CAN reception data 1 input pin
101, 153
105, 159
RX5
CAN reception data 5 input pin
161, 165
167, 173
RX6
CAN reception data 6 input pin
167
169. 175
EINT0
External interrupt input pin
33, 39, 57,
63, 96, 140,
167, 170,
177,199
33, 39, 59,
65, 100, 146,
175, 178,
185, 207
EINT1
External interrupt input pin
40, 58, 82,
97, 141,
168, 169,
178, 200
40, 60, 84,
101, 147,
176, 177,
186,208,
EINT2
External interrupt input pin
41, 59, 83,
98, 118, 142,
179, 201,
41, 61, 85,
102, 122,
148, 187,
209
EINT3
External interrupt input pin
31, 84, 99,
143, 159,
180, 202
31, 44, 86,
103, 123,
149, 165,
188, 210
EINT4
External interrupt input pin
60, 100,
144, 181,
203
45, 62, 104,
124, 150,
189, 211
EINT5
External interrupt input pin
44, 72, 101,
127, 147,
186
46, 74, 105,
133, 153,
194,
EINT6
External interrupt input pin
45, 75, 89,
102, 128,
148, 187,
47, 77, 91,
106, 134,
154, 195
EINT7
External interrupt input pin
46, 77, 129,
149, 160,
188
48, 79, 135,
155, 166,
196
EINT8
External interrupt input pin
47, 76, 130,
150, 161,
189
49, 78, 92,
136, 156,
167, 197
EINT9
External interrupt input pin
48, 79, 90,
131, 151,
162, 190
204
50, 81, 93,
137, 157,
168, 198,
212,
EINT10
External interrupt input pin
49, 78, 91,
132, 152,
191,205
51, 80, 94,
138, 158,
169, 199,
213



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com