Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S6J32BA Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # S6J32BA
Description  32-bit Microcontroller Traveo??Family
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6J32BA Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button S6J32BA Datasheet HTML 9Page - Cypress Semiconductor S6J32BA Datasheet HTML 10Page - Cypress Semiconductor S6J32BA Datasheet HTML 11Page - Cypress Semiconductor S6J32BA Datasheet HTML 12Page - Cypress Semiconductor S6J32BA Datasheet HTML 13Page - Cypress Semiconductor S6J32BA Datasheet HTML 14Page - Cypress Semiconductor S6J32BA Datasheet HTML 15Page - Cypress Semiconductor S6J32BA Datasheet HTML 16Page - Cypress Semiconductor S6J32BA Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 179 page
background image
Document Number: 002-05682 Rev.*A
Page 13 of 179
S6J3200 Series
3. Product Description
3.1
Overview
This chapter explains the product features of S6J3200 series. The description of this chapter should precede the duplicated
description on platform manual.
3.2
Product Description
The table shows features.
Table 3-1
Feature
Description
Technology
55nm CMOS technology with embedded FLASH
Fully automotive qualified according to ISO/TS 16949 and AEC-Q100
Functional Safety
The product series has some functional safety features suited for ASIL-B application.
Peripherals
See function list.
Power Domain (PD)
See the platform manual and chapter STATE TRANSITION in detail.
The product series supports the power off control of PD1, PD2 (including PD3 and 5), and PD6.
The power domain resets of PD3 and PD5 included in PD2 are not supported in the product series,
and "0" is always read from the reset factor flags of them.
This series doesn't support partial wakeup for PD6.
Debug and Trace
See the platform manual in detail.
−
Standard 5-pin JTAG interface
−
4k Word Embedded Trace Buffer
4-bit trace support for TEQFP package.
Full trace (dedicated 16-bit port) with special bond-out package is planned.
System Control
See the platform manual in detail.
Main and sub oscillator is available.
−
A wide range of 3.6 - 16MHz is available for main oscillator
−
32KHz is available for sub oscillator
Sub clock is enable/disable by register settings
Clock
See the platform manual in detail.
CLK_CLKO (Clock Output Function) is not supported.
Embedded CR oscillation
See the platform manual in detail.
Stabilization time is as followings.
−
5us for 4MHz (Fast clock)
−
20us for 100kHz (Slow clock)
Clock Supervisor
See the platform manual in detail.
This product series
doesn’t support clock supervisor output port. (Related register and internal
circuit is implemented.)
Reset
See the platform manual in detail.
Following resets are not mounted on this device.
−
INITX
−
SRSTX (and nSRST pin)
Hardware Watchdog
See the platform manual in detail.
Hardware watchdog function stops during PSS mode. In the related register of HWDG_CFG, the bit
ALLOWSTOPCLK is always read as 1 (HWDG_CFG.ALLOWSTOPCLK=1).
The product series
doesn’t support Watchdog Counter Monitor Output port. (Related register and
internal circuit is implemented.)
Software Watchdog
See the platform manual in detail.
The product series
doesn’t support Watchdog Counter Monitor Output port. (Related register and
internal circuit is implemented.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com