Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8SCR9 Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SCR9
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SCR9 Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button COP8SCR9 Datasheet HTML 24Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 25Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 26Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 27Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 28Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 29Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 30Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 31Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 80 page
background image
11.0 In-System Programming
(Continued)
11.3.2 ISP Read Data Register
The Read Data Register (ISPRD) contains the value read
back from a read operation. This register can be accessed
from either flash program memory or Boot ROM. This regis-
ter is undefined on Reset.
TABLE 6. ISP Read Data Register
ISPRD
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
11.3.3 ISP Write Data Register
The Write Data Register (ISPWR) contains the data to be
written into the specified address. This register is undeter-
mined on Reset. This register can be accessed from either
flash program memory or Boot ROM. The Write Data register
must be maintained for the entire duration of the operation.
TABLE 7. ISP Write Data Register
ISPWR
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
11.3.4 ISP Write Timing Register
The Write Timing Register (PGMTIM) is used to control the
width of the timing pulses for write and erase operations. The
value to be written into this register is dependent on the
frequency of CKI and is shown in Table 8. This register must
be written before any write or erase operation can take
place. It only needs to be loaded once, for each value of CKI
frequency. This register can be loaded from either flash
program memory or Boot ROM and must be maintained for
the entire duration of the operation. The MICROWIRE/PLUS
ISP routine that is resident in the boot ROM requires that this
Register be defined prior to any access to the Flash memory.
Refer to 11.7 MICROWIRE/PLUS ISP for more information
on available ISP commands. On Reset, the PGMTIM regis-
ter is loaded with the value that corresponds to 10 MHz
frequency for CKI.
TABLE 8. PGMTIM Register Format
PGMTIM
Register Bit
CKI Frequency Range
76543210
00000001
25 kHz–33.3 kHz
00000010
37.5 kHz–50 kHz
00000011
50 kHz–66.67 kHz
00000100
62.5 kHz–83.3 kHz
00000101
75 kHz–100 kHz
00000111
100 kHz–133 kHz
00001000
112.5 kHz–150 kHz
00001011
150 kHz–200 kHz
00001111
200 kHz–266.67 kHz
00010001
225 kHz–300 kHz
00010111
300 kHz–400 kHz
00011101
375 kHz–500 kHz
00100111
500 kHz–666.67 kHz
00101111
600 kHz–800 kHz
00111111
800 kHz–1.067 MHz
01000111
1 MHz–1.33 MHz
01001000
1.125 MHz–1.5 MHz
01001011
1.5 MHz–2 MHz
01001111
2 MHz–2.67 MHz
01010100
2.625 MHz–3.5 MHz
01011011
3.5 MHz–4.67 MHz
01100011
4.5 MHz–6 MHz
01101111
6 MHz–8 MHz
01111011
7.5 MHz–10 MHz
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
www.national.com
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com