Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8SCR9 Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SCR9
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SCR9 Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button COP8SCR9 Datasheet HTML 43Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 44Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 45Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 46Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 47Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 48Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 49Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 50Page - National Semiconductor (TI) COP8SCR9 Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 80 page
background image
14.0 USART (Continued)
14.4.1 Asynchronous Mode
This mode is selected by resetting the SSEL (in the ENUI
register) bit to zero. The input frequency to the USART is
16 times the baud rate.
The TSFT and TBUF registers double-buffer data for trans-
mission. While TSFT is shifting out the current character on
the TDX pin, the TBUF register may be loaded by software
with the next byte to be transmitted. When TSFT finishes
transmitting the current character the contents of TBUF are
transferred to the TSFT register and the Transmit Buffer
Empty Flag (TBMT in the ENU register) is set. The TBMT
flag is automatically reset by the USART when software
loads a new character into the TBUF register. There is also
the XMTG bit which is set to indicate that the USART is
transmitting. This bit gets reset at the end of the last frame
(end of last Stop bit). TBUF is a read/write register.
The RSFT and RBUF registers double-buffer data being
received. The USART receiver continually monitors the sig-
nal on the RDX pin for a low level to detect the beginning of
a Start bit. Upon sensing this low level, it waits for half a bit
time and samples again. If the RDX pin is still low, the
receiver considers this to be a valid Start bit, and the remain-
ing bits in the character frame are each sampled a three
times around the center of the bit time. Serial data input on
the RDX pin is shifted into the RSFT register. Upon receiving
the complete character, the contents of the RSFT register
are copied into the RBUF register and the Received Buffer
Full Flag (RBFL) is set. RBFL is automatically reset when
software reads the character from the RBUF register. RBUF
is a read only register. There is also the RCVG bit which is
set high when a framing error or a break detect occurs and
goes low once RDX goes high.
14.4.2 Synchronous Mode
In this mode data is transferred synchronously with the
clock. Data is transmitted on the rising edge and received on
the falling edge of the synchronous clock.
This mode is selected by setting SSEL bit in the ENUI
register. The input frequency to the USART is the same as
the baud rate.
When an external clock input is selected at the CKX pin, data
transmit and receive are performed synchronously with this
clock through TDX/RDX pins.
If data transmit and receive are selected with the CKX pin as
clock output, the device generates the synchronous clock
output at the CKX pin. The internal baud rate generator is
used to produce the synchronous clock. Data transmit and
receive are performed synchronously with this clock.
14.5 FRAMING FORMATS
The USART supports several serial framing formats (Figure
23). The format is selected using control bits in the ENU,
ENUR and ENUI registers.
The first format (1, 1a, 1b, 1c) for data transmission (CHL0 =
1, CHL1 = 0) consists of Start bit, seven Data bits (excluding
parity) and one or two Stop bits. In applications using parity,
the parity bit is generated and verified by hardware.
The second format (CHL0 = 0, CHL1 = 0) consists of one
Start bit, eight Data bits (excluding parity) and 7/8, one or
two Stop bits. Parity bit is generated and verified by hard-
ware.
The third format for transmission (CHL0 = 0, CHL1 = 1)
consists of one Start bit, nine Data bits and one or two Stop
bits. This format also supports the USART “ATTENTION”
feature. When operating in this format, all eight bits of TBUF
and RBUF are used for data. The ninth data bit is transmitted
and received using two bits in the ENU and ENUR registers,
called XBIT9 and RBIT9. RBIT9 is a read only bit. Parity is
not generated or verified in this mode.
The parity is enabled/disabled by PEN bit located in the ENU
register. Parity is selected for 7- and 8-bit modes only. If
parity is enabled (PEN = 1), the parity selection is then
performed by PSEL0 and PSEL1 bits located in the ENU
register.
Note that the XBIT9/PSEL0 bit located in the ENU register
serves two mutually exclusive functions. This bit programs
the ninth bit for transmission when the USART is operating
with nine data bits per frame. There is no parity selection in
this framing format. For other framing formats XBIT9 is not
needed and the bit is PSEL0 used in conjunction with PSEL1
to select parity.
The frame formats for the receiver differ from the transmitter
in the number of Stop bits required. The receiver only re-
quires one Stop bit in a frame, regardless of the setting of the
Stop bit selection bits in the control register. Note that an
implicit assumption is made for full duplex USART operation
that the framing formats are the same for the transmitter and
receiver.
www.national.com
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com