Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8SE Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SE
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SE Datasheet(HTML) 5 Page - National Semiconductor (TI)

  COP8SE Datasheet HTML 1Page - National Semiconductor (TI) COP8SE Datasheet HTML 2Page - National Semiconductor (TI) COP8SE Datasheet HTML 3Page - National Semiconductor (TI) COP8SE Datasheet HTML 4Page - National Semiconductor (TI) COP8SE Datasheet HTML 5Page - National Semiconductor (TI) COP8SE Datasheet HTML 6Page - National Semiconductor (TI) COP8SE Datasheet HTML 7Page - National Semiconductor (TI) COP8SE Datasheet HTML 8Page - National Semiconductor (TI) COP8SE Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
3.0 Electrical Characteristics
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)7V
Voltage at Any Pin
−0.3V to V
CC +0.3V
Total Current into V
CC
Pin (Source)
80 mA
Total Current out of
GND Pin (Sink)
100 mA
Storage Temperature
Range
−65˚C to +150˚C
ESD Protection Level
2 kV(Human Body Model)
ESD Protection Level
(CKI pin)
150 V(Machine Model)
Note 1:
Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
Note 2: The COP8SER7 is for Engineering Development purpose only and
is not recommended for production or pre-production use.
DC Electrical Characteristics
−40˚C
≤ T
A ≤ +85˚C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
2.7
5.5
V
Power Supply Rise Time
10
50 x 10
6
ns
Power Supply Ripple (Note 4)
Peak-to-Peak
0.1 V
cc
V
Supply Current (Note 5)
V
CC = 5.5V, tC =1µs
CKI = 10 MHz
(SEC5)
6
mA
(SER7)(Note 13)
10
mA
HALT Current (Note 6)
V
CC = 5.5V, CKI=0MHz
(SEC5)
8
20
µA
(SER7)
22
µA
IDLE Current (Note 5)
V
CC = 5.5V, tC =1µs
CKI = 10 MHz
(SEC5)
1.5
mA
(SER7)
1.5
mA
Input Levels (V
IH,VIL)
RESET
Logic High
0.8 V
cc
V
Logic Low
0.2 V
cc
V
CKI, All Other Inputs
Logic High
0.7 V
cc
V
Logic Low
0.2 V
cc
V
Hi-Z Input Leakage
V
CC = 5.5V
−2
+2
µA
Input Pullup Current
V
CC = 5.5V, VIN = 0V
−40
−250
µA
G and L Port Input Hysteresis
V
CC = 5.5V
0.25 V
cc
V
V
CC = 2.7V
0.31 V
cc
V
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com