Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8SE Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SE
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SE Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button COP8SE Datasheet HTML 12Page - National Semiconductor (TI) COP8SE Datasheet HTML 13Page - National Semiconductor (TI) COP8SE Datasheet HTML 14Page - National Semiconductor (TI) COP8SE Datasheet HTML 15Page - National Semiconductor (TI) COP8SE Datasheet HTML 16Page - National Semiconductor (TI) COP8SE Datasheet HTML 17Page - National Semiconductor (TI) COP8SE Datasheet HTML 18Page - National Semiconductor (TI) COP8SE Datasheet HTML 19Page - National Semiconductor (TI) COP8SE Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
6.0 Timers (Continued)
6.2 TIMER T1
The device has a powerful timer/counter block. The timer
consists of a 16-bit timer, T1, and two supporting 16-bit
autoreload/capture registers, R1A and R1B. The timer block
has two pins associated with it, T1A and T1B. The pin T1A
supports I/O required by the timer block, while the pin T1B is
an input to the timer block. The powerful and flexible timer
block allows the device to easily perform all timer functions
with minimal software overhead. The timer block has three
operating modes: Processor Independent PWM mode, Ex-
ternal Event Counter mode, and Input Capture mode.
The control bits T1C3, T1C2, and T1C1 allow selection of the
different modes of operation.
6.2.1 Mode 1. Processor Independent PWM Mode
As the name suggests, this mode allows the device to gen-
erate a PWM signal with very minimal user intervention. The
user only has to define the parameters of the PWM signal
(ON time and OFF time). Once begun, the timer block will
continuously generate the PWM signal completely indepen-
dent of the microcontroller. The user software services the
timer block only when the PWM parameters require updat-
ing.
In this mode the timer T1 counts down at a fixed rate of t
C.
Upon every underflow the timer is alternately reloaded with
the contents of supporting registers, R1A and R1B. The very
first underflow of the timer causes the timer to reload from
the register R1A. Subsequent underflows cause the timer to
be reloaded from the registers alternately beginning with the
register R1B.
The T1 Timer control bits, T1C3, T1C2 and T1C1 set up the
timer for PWM mode operation.
Figure 12 shows a block diagram of the timer in PWM mode.
The underflows can be programmed to toggle the T1A output
pin. The underflows can also be programmed to generate in-
terrupts.
Underflows from the timer are alternately latched into two
pending flags, T1PNDA and T1PNDB. The user must reset
these pending flags under software control. Two control en-
able flags, T1ENA and T1ENB, allow the interrupts from the
timer underflow to be enabled or disabled. Setting the timer
enable flag T1ENA will cause an interrupt when a timer un-
derflow causes the R1A register to be reloaded into the
timer. Setting the timer enable flag T1ENB will cause an in-
terrupt when a timer underflow causes the R1B register to be
reloaded into the timer. Resetting the timer enable flags will
disable the associated interrupts.
Either or both of the timer underflow interrupts may be en-
abled. This gives the user the flexibility of interrupting once
per PWM period on either the rising or falling edge of the
PWM output. Alternatively, the user may choose to interrupt
on both edges of the PWM output.
DS100973-52
FIGURE 11. Functional Block Diagram for Idle Timer T0
www.national.com
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com