Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8SDR9 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SDR9
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SDR9 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  COP8SDR9 Datasheet HTML 1Page - National Semiconductor (TI) COP8SDR9 Datasheet HTML 2Page - National Semiconductor (TI) COP8SDR9 Datasheet HTML 3Page - National Semiconductor (TI) COP8SDR9 Datasheet HTML 4Page - National Semiconductor (TI) COP8SDR9 Datasheet HTML 5Page - National Semiconductor (TI) COP8SDR9 Datasheet HTML 6Page - National Semiconductor (TI) COP8SDR9 Datasheet HTML 7Page - National Semiconductor (TI) COP8SDR9 Datasheet HTML 8Page - National Semiconductor (TI) COP8SDR9 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 80 page
background image
COP8SBR9/COP8SCR9/COP8SDR9
8-Bit CMOS Flash Based Microcontroller with 32k
Memory, Virtual EEPROM and Brownout
1.0 General Description
The COP8SBR9/SCR9/SDR9 Flash based microcontrollers
are highly integrated COP8™ Feature core devices, with 32k
Flash memory and advanced features including Virtual EE-
PROM, High Speed Timers, USART, and Brownout Reset.
This single-chip CMOS device is suited for applications re-
quiring a full featured, in-system reprogrammable controller
with large memory and low EMI. The same device is used for
development, pre-production and volume production with a
range of COP8 software and hardware development tools.
Devices included in this datasheet:
Device
Flash Program
Memory
(bytes)
RAM
(bytes)
Brownout
Voltage
I/O
Pins
Packages
Temperature
COP8SBR9
32k
1k
2.7V to 2.9V
37,39,49,
59
44 LLP,
44/68 PLCC,
48/56 TSSOP
−40˚C to +85˚C
COP8SCR9
32k
1k
4.17V to 4.5V
37,39,49,
59
44 LLP,
44/68 PLCC,
48/56 TSSOP
−40˚C to +85˚C
−40˚C to +125˚C
COP8SDR9
32k
1k
No Brownout
37,39,49,
59
44 LLP,
44/68 PLCC,
48/56 TSSOP
−40˚C to +85˚C
−40˚C to +125˚C
2.0 Features
KEY FEATURES
n
32 kbytes Flash Program Memory with Security Feature
n
Virtual EEPROM using Flash Program Memory
n
1 kbyte volatile RAM
n
USART with on chip baud generator
n
2.7V–5.5V In-System Programmability of Flash
n
High endurance - 100k Read/Write Cycles
n
Superior data retention - 100 years
n
Dual Clock Operation with HALT/IDLE Power Save
Modes
n
Three 16-bit timers:
— Timers T2 and T3 can operate at high speed (50 ns
resolution)
— Processor Independent PWM mode
— External Event counter mode
— Input Capture mode
n
Brown-out Reset (COP8SBR9/SCR9)
OTHER FEATURES
n
Single supply operation: 2.7V–5.5V
n
Quiet Design (low radiated emissions)
n
Multi-Input Wake-up with optional interrupts
n
MICROWIRE/PLUS (Serial Peripheral Interface
Compatible)
n
Clock Doubler for 20 MHz operation from 10 MHz
Oscillator, with 0.5 µs Instruction Cycle
n
Thirteen multi-source vectored interrupts servicing:
— External Interrupt
— USART (2)
— Idle Timer T0
— Three Timers (each with 2 interrupts)
— MICROWIRE/PLUS Serial peripheral interface
— Multi-Input Wake-Up
— Software Trap
n
Idle Timer with programmable interrupt interval
n
8-bit Stack Pointer SP (stack in RAM)
n
Two 8-bit Register Indirect Data Memory Pointers
n
True bit manipulation
n
WATCHDOG and Clock Monitor logic
n
Software selectable I/O options
— TRI-STATE® Output/High Impedance Input
— Push-Pull Output
— Weak Pull Up Input
n
Schmitt trigger inputs on I/O ports
n
High Current I/Os
n
Temperature range: –40˚C to +85˚C and –40˚C to
+125˚C (COP8SCR9/SDR9)
n
Packaging: 44 and 68 PLCC, 44 LLP, 48 and 56 TSSOP
n
True In-System, Real time emulation and debug offered
by MetaLink’s Development Systemstools available
COP8™ is a trademark of National Semiconductor Corporation.
August 2003
© 2003 National Semiconductor Corporation
DS101389
www.national.com


Similar Part No. - COP8SDR9

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
COP8SDR9 TI1-COP8SDR9 Datasheet
1Mb / 105P
COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
COP8SDR9HVA8/63SN TI1-COP8SDR9HVA8/63SN Datasheet
1Mb / 104P
8-Bit CMOS Flash Based Microcontroller with 32k Memory
COP8SDR9HVA8/NOPB TI1-COP8SDR9HVA8/NOPB Datasheet
1Mb / 104P
8-Bit CMOS Flash Based Microcontroller with 32k Memory
More results

Similar Description - COP8SDR9

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8CBE9 NSC-COP8CBE9 Datasheet
921Kb / 75P
8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10-Bit A/D and Brownout Reset
COP8CBR9 NSC-COP8CBR9 Datasheet
1Mb / 84P
8-Bit CMOS Flash Microcontroller with 32k Memory, Virtual EEPROM, 10-Bit A/D and Brownout
COP8CFE9 NSC-COP8CFE9 Datasheet
771Kb / 63P
8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, and 10-Bit A/D
COP8SBE9 NSC-COP8SBE9 Datasheet
841Kb / 70P
8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM and Brownout Reset
logo
Texas Instruments
COP8SBR9 TI1-COP8SBR9_14 Datasheet
1Mb / 105P
COP8SBR9/COP8SCR9/COP8SDR9 8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
COP8CCE9 TI1-COP8CCE9_14 Datasheet
1Mb / 103P
COP8CBE9/CCE9 8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM, 10- Bit A/D and Brownout Reset
COP8AME9 TI1-COP8AME9_14 Datasheet
1Mb / 102P
COP8AME9 8-Bit CMOS Flash Microcontroller with 8k Memory, Dual Op Amps, Virtual EEPROM, Temperature Sensor, 10-Bit A/D and Brownout Reset
COP8CBR9 TI1-COP8CBR9_15 Datasheet
2Mb / 111P
8-Bit CMOS Flash Microcontroller with 32k Memory
COP8CCE9 TI1-COP8CCE9_15 Datasheet
1Mb / 101P
8-Bit CMOS Flash Microcontroller with 8k Memory, Virtual EEPROM
COP8SBR9 TI1-COP8SBR9_15 Datasheet
1Mb / 104P
8-Bit CMOS Flash Based Microcontroller with 32k Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com