Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8SDR9 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SDR9
Description  8-Bit CMOS Flash Based Microcontroller with 32k Memory, Virtual EEPROM and Brownout
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SDR9 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button COP8SDR9 Datasheet HTML 9Page - National Semiconductor (TI) COP8SDR9 Datasheet HTML 10Page - National Semiconductor (TI) COP8SDR9 Datasheet HTML 11Page - National Semiconductor (TI) COP8SDR9 Datasheet HTML 12Page - National Semiconductor (TI) COP8SDR9 Datasheet HTML 13Page - National Semiconductor (TI) COP8SDR9 Datasheet HTML 14Page - National Semiconductor (TI) COP8SDR9 Datasheet HTML 15Page - National Semiconductor (TI) COP8SDR9 Datasheet HTML 16Page - National Semiconductor (TI) COP8SDR9 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
8.0 Electrical Characteristics (Continued)
DC Electrical Characteristics (−40˚C
≤ T
A ≤ +85˚C) (Continued)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Output Current Levels
D Outputs
Source
V
CC = 4.5V, VOH = 3.8V
−7
mA
V
CC = 2.7V, VOH = 1.8V
−4
mA
Sink (Note 7)
V
CC = 4.5V, VOL = 1.0V
10
mA
V
CC = 2.7V, VOL = 0.4V
3.5
mA
All Others
Source (Weak Pull-Up Mode)
V
CC = 4.5V, VOH = 3.8V
−10
µA
V
CC = 2.7V, VOH = 1.8V
−5
µA
Source (Push-Pull Mode)
V
CC = 4.5V, VOH = 3.8V
−7
mA
V
CC = 2.7V, VOH = 1.8V
−4
mA
Sink (Push-Pull Mode) (Note 7)
V
CC = 4.5V, VOL = 1.0V
10
mA
V
CC = 2.7V, VOL = 0.4V
3.5
mA
TRI-STATE Leakage
V
CC = 5.5V
−0.5
+0.5
µA
Allowable Sink Current per Pin
15
mA
Maximum Input Current without Latchup (Note
5)
±200
mA
RAM Retention Voltage, V
R (in HALT Mode)
2.0
V
Input Capacitance
7pF
Load Capacitance on D2
1000
pF
Voltage on G6 to Force Execution from Boot
ROM (Note 8)
G6 rise time must be slower
than 100 nS
2xV
CC
V
CC +7
V
G6 Rise Time to Force Execution from Boot
ROM
100
nS
Input Current on G6 when Input > V
CC
V
IN = 11V, VCC = 5.5V
500
µA
Flash Memory Data Retention
25˚C
100
yrs
Flash Memory Number of Erase/Write Cycles
See Table 13, Typical Flash
Memory Endurance
10
5
cycles
AC Electrical Characteristics (−40˚C
≤ T
A ≤ +85˚C)
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Instruction Cycle Time (t
C)
Crystal/Resonator
4.5V
≤ V
CC
≤ 5.5V
0.5
DC
µs
2.7V
≤ V
CC < 4.5V
1.5
DC
µs
Flash Memory Page Erase Time
See Table 13, Typical
Flash Memory
Endurance
1ms
Flash Memory Mass Erase Time
8
ms
Frequency of MICROWIRE/PLUS in
Slave Mode
2
MHz
MICROWIRE/PLUS Setup Time (t
UWS)20
ns
MICROWIRE/PLUS Hold Time (t
UWH)20
ns
MICROWIRE/PLUS Output Propagation
Delay (t
UPD)
150
ns
Input Pulse Width
Interrupt Input High Time
1
t
C
Interrupt Input Low Time
1
t
C
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com