Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8SEC5 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SEC5
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SEC5 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button COP8SEC5 Datasheet HTML 4Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 5Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 6Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 7Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 8Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 9Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 10Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 11Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 47 page
background image
Absolute Maximum Ratings (Note 14)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)7V
Voltage at Any Pin
−0.3V to V
CC +0.3V
Total Current into V
CC Pin
(Source)
80 mA
Total Current out of GND Pin
(Sink)
100 mA
Storage Temperature Range
−65˚C to +150˚C
ESD Protection Level
2kV (Human Body
Model)
ESD Protection Level (CKI
pin)
150 V (Machine
Model)
Note 14:
Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
Note 15: The COP8SER7 is for Engineering Development purpose only and
is not recommended for production or pre-production use.
DC Electrical Characteristics (SEC5 only)
−40˚C
≤ T
A ≤ +135˚C unless otherwise specified.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
4.5
5.5
V
Power Supply Rise Time
10
50 x 10
6
ns
Power Supply Ripple (Note 17)
Peak-to-Peak
0.1 V
cc
V
Supply Current (Note 18)
CKI = 10 MHz
V
CC = 5.5V, tC =1µs
8
mA
HALT Current (Note 19)
V
CC = 5.5V, CKI = 0 MHz
15
50
µA
IDLE Current (Note 18)
CKI = 10 MHz
V
CC = 5.5V, tC =1µs
2
mA
Input Levels (V
IH,VIL)
RESET
Logic High
0.8 V
cc
V
Logic Low
0.2 V
cc
V
CKI, All Other Inputs
Logic High
0.7 V
cc
V
Logic Low
0.2 V
cc
V
Hi-Z Input Leakage
V
CC = 5.5V
−5
+5
µA
Input Pullup Current
V
CC = 5.5V, VIN = 0V
−35
−400
µA
G and L Port Input Hysteresis
V
CC = 5.5V
0.25
V
cc
V
Output Current Levels
Source (Weak Pull-Up Mode)
V
CC = 4.5V, VOH = 2.7V
−9.0
−140
µA
Source (Push-Pull Mode)
V
CC = 4.5V, VOH = 3.3V
−0.4
mA
Sink (Push-Pull Mode)
V
CC = 4.5V, VOL = 0.4V
1.6
mA
TRI-STATE Leakage
V
CC = 5.5V
−5
+5
µA
Allowable Sink Current per Pin (Note 22)
Maximum Input Current without Latchup (Note
20)
Room Temp.
±200
mA
RAM Retention Voltage, Vr
2.0
V
V
CC Rise Time from a VCC ≥ 2.0V
(Note 23)
6
µs
Input Capacitance
(Note 22)
7
pF
EERAM Number of Write Cycles
(Note 22)
10
5
cycles
EERAM Data Retention
(Note 22)
10
years
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com