Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8SEC5 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SEC5
Description  8-Bit CMOS ROM Based and OTP Microcontrollers with 4k Memory and 128 Bytes EERAM
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SEC5 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button COP8SEC5 Datasheet HTML 15Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 16Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 17Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 18Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 19Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 20Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 21Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 22Page - National Semiconductor (TI) COP8SEC5 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
7.0 Power Saving Features
Today, the proliferation of battery-operated based applica-
tions has placed new demands on designers to drive power
consumption down. Battery-operated systems are not the
only type of applications demanding low power. The power
budget constraints are also imposed on those consumer/
industrial applications where well regulated and expensive
power supply costs cannot be tolerated. Such applications
rely on low cost and low power supply voltage derived di-
rectly from the “mains” by using voltage rectifier and passive
components. Low power is demanded even in automotive
applications, due to increased vehicle electronics content.
This is required to ease the burden from the car battery. Low
power 8-bit microcontrollers supply the smarts to control
battery-operated, consumer/industrial, and automotive appli-
cations.
Each device offers system designers a variety of low-power
consumption features that enable them to meet the demand-
ing requirements of today’s increasing range of low-power
applications. These features include low voltage operation,
low current drain, and power saving features such as HALT,
IDLE, and Multi-Input wakeup (MIWU).
Each device offers the user two power save modes of opera-
tion: HALT and IDLE. In the HALT mode, all microcontroller
activities are stopped. In the IDLE mode, the on-board oscil-
lator circuitry and timer T0 are active but all other microcon-
troller activities are stopped. In either mode, all on-board
RAM, registers, I/O states, and timers (with the exception of
T0) are unaltered.
Clock Monitor if enabled can be active in both modes.
7.1 HALT MODE
Each device can be placed in the HALT mode by writing a “1”
to the HALT flag (G7 data bit). All microcontroller activities,
including the clock and timers, are stopped. The WATCH-
DOG logic on the devices are disabled during the HALT
mode. However, the clock monitor circuitry, if enabled, re-
mains active and will cause the WATCHDOG output pin
(WDOUT) to go low. If the HALT mode is used and the user
does not want to activate the WDOUT pin, the Clock Monitor
should be disabled after the devices come out of reset (re-
setting the Clock Monitor control bit with the first write to the
WDSVR register). In the HALT mode, the power require-
ments of the devices are minimal and the applied voltage
(V
CC) may be decreased to Vr (Vr = 2.0V) without altering the
state of the machine.
Each device supports three different ways of exiting the
HALT mode. The first method of exiting the HALT mode is
with the Multi-Input Wakeup feature on Port L. The second
method is with a low to high transition on the CKO (G7) pin.
This method precludes the use of the crystal clock configura-
tion (since CKO becomes a dedicated output), and so may
only be used with an R/C clock configuration. The third
method of exiting the HALT mode is by pulling the RESET
pin low.
On wakeup from G7 or Port L, the devices resume execution
from the HALT point. On wakeup from RESET execution will
resume from location PC=0 and all RESET conditions apply.
If a crystal or ceramic resonator may be selected as the os-
cillator, the Wakeup signal is not allowed to start the chip
running immediately since crystal oscillators and ceramic
resonators have a delayed start up time to reach full ampli-
tude and frequency stability. The IDLE timer is used to gen-
erate a fixed delay to ensure that the oscillator has indeed
stabilized before allowing instruction execution. In this case,
upon detecting a valid Wakeup signal, only the oscillator cir-
cuitry is enabled. The IDLE timer is loaded with a value of
256 and is clocked with the t
C instruction cycle clock. The tC
clock is derived by dividing the oscillator clock down by a fac-
tor of 9. The Schmitt trigger following the CKI inverter on the
chip ensures that the IDLE timer is clocked only when the os-
cillator has a sufficiently large amplitude to meet the Schmitt
trigger specifications. This Schmitt trigger is not part of the
oscillator closed loop. The start-up time-out from the IDLE
timer enables the clock signals to be routed to the rest of the
chip.
If an R/C clock option is being used, the fixed delay is intro-
duced optionally. A control bit, CLKDLY, mapped as configu-
ration bit G7, controls whether the delay is to be introduced
or not. The delay is included if CLKDLY is set, and excluded
if CLKDLY is reset. The CLKDLY bit is cleared on reset.
Each device has two options associated with the HALT
mode. The first option enables the HALT mode feature, while
the second option disables the HALT mode selected through
bit 0 of the mask option. With the HALT mode enable option,
the device will enter and exit the HALT mode as described
above. With the HALT disable option, the device cannot be
placed in the HALT mode (writing a “1” to the HALT flag will
have no effect, the HALT flag will remain “0”).
The WATCHDOG detector circuit is inhibited during the
HALT mode. However, the clock monitor circuit if enabled re-
mains active during HALT mode in order to ensure a clock
monitor error if the device inadvertently enters the HALT
mode as a result of a runaway program or power glitch.
If the device is placed in the HALT mode, with the R/C oscil-
lator selected, the clock input pin (CKI) is forced to a logic
high internally. With the crystal oscillator the CKI pin is
TRI-STATE.
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com