Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI9060SD Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # PCI9060SD
Description  12O COMPATIBLE PCI BUS MASTER INTERFACE CHIP FOR ADAPTERS AND EMBEDDED SYSTEMS
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PCI9060SD Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button PCI9060SD Datasheet HTML 17Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 18Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 19Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 20Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 21Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 22Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 23Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 24Page - List of Unclassifed Manufacturers PCI9060SD Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 192 page
background image
SECTION 3
PCI 9080
FUNCTIONAL DESCRIPTION
©PLX Technology, Inc., 1997
Page 12
Version 1.02
3. FUNCTIONAL DESCRIPTION
Functional operation described can be changed or
modified, depending on the register configuration.
3.1 RESET
3.1.1 PCI Bus Input RST#
PCI bus RST# input pin is a PCI host reset. It causes all
PCI bus outputs to float, resets the entire PCI 9080 and
causes the local reset output, LRESETo#, to be
asserted. If you have a PCI host, Table 4-11[2:0] (Master
Enable, Memory Space, I/O Space) is programmed by
the host after initialization is complete (Table 4-
59[31]=1). (Refer to Figure 3-1.)
 
 
    
 
   
 
    !"#$
   % &
'  
 
Figure 3-1. Reset and Initialization Process
3.1.2 Software Reset LRESETo#
When asserted, the LRESETo# Software Reset bit
(Table 4-59[30]) resets PCI 9080 Local Configuration
and Local DMA Registers. However, it does not reset the
PCI Configuration and Shared Runtime Registers. When
the bit is set, PCI 9080 responds to PCI accesses, but
not to local accesses. PCI 9080 remains in this condition
until PCI host clears the bit. The serial EEPROM is
reloaded if Table 4-59[29] is set.
3.1.3 Local Bus Input LRESETi#
When asserted, the LRESETi# input resets the local bus
portion of PCI 9080, clears all local configuration and
DMA registers and causes LRESETo# output to be
asserted.
3.1.4 Local Bus Output LRESETo#
LRESETo# is asserted when PCI bus RST# input is
asserted, the LRESETi# input is asserted, or the
software reset bit in the Init Control Register is set to 1.
3.1.5 Software Reset
A host on the PCI bus can set the software reset bit in
the Init Control Register to reset PCI 9080 and assert the
LRESETo# output. All local configuration and DMA
registers reset. PCI configuration registers do not reset.
When the software reset bit is set, PCI 9080 responds to
PCI accesses, but not to local bus accesses. PCI 9080
remains in this reset condition until the PCI host clears
the bit.
Note:
The local side cannot clear this reset bit
because the local bus is in a reset state.
3.2 PCI 9080 INITIALIZATION
PCI 9080 configuration registers can be programmed by
an optional serial EEPROM and/or by a local processor,
as listed in Table 3-1. The serial EEPROM can be
reloaded by setting bit 29 of
(LOC:ECh), Serial
EEPROM Control Register (refer to Table 4-59[29]).
In general, PCI 9080 retries all PCI cycles until the
“Local Init Done bit” is set or NB# is low.
Note:
Internal configuration register can also be
accessed by the PCI host processor after power-on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com